Electronic Components Datasheet Search
  English  ▼

X  

LM78L00 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L00 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM78L00 Datasheet HTML 1Page - National Semiconductor (TI) LM78L00 Datasheet HTML 2Page - National Semiconductor (TI) LM78L00 Datasheet HTML 3Page - National Semiconductor (TI) LM78L00 Datasheet HTML 4Page - National Semiconductor (TI) LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) LM78L00 Datasheet HTML 6Page - National Semiconductor (TI) LM78L00 Datasheet HTML 7Page - National Semiconductor (TI) LM78L00 Datasheet HTML 8Page - National Semiconductor (TI) LM78L00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM78L09AC
Electrical Characteristics
0 C s TA s a125 C VI e 15V IO e 40 mA CI e 033 mF CO e 01 mF unless otherwise specified (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
TJ e 25 C
864
90
936
V
VR LINE
Line Regulation
TJ e 25 C
115V s VI s 24V
90
200
mV
13V s VI s 24V
100
150
VR LOAD
Load Regulation
TJ e 25 C
10 mA s IO s 100 mA
20
90
mV
10 mA s IO s 40 mA
10
45
VO
Output Voltage
115V s VI s 24V
10 mA s IO s 40 mA
855
945
V
(Note 2)
115V s VI s VMax
10 mA s IO s 70 mA
855
945
IQ
Quiescent Current
21
55
mA
D
IQ
Quiescent Current
With Line
115V s VI s 24V
15
mA
Change
With Load
10 mA s IO s 40 mA
01
NO
Noise
TA e 25 C 10 Hz s f s 100 kHz
70
m
V
D
VI DVO
Ripple Rejection
f e 120 Hz 15V s VI s 25V TJ e 25 C38
44
dB
VDO
Dropout Voltage
TJ e 25 C
17
V
Ipk IOS
Peak OutputOutput
TJ e 25 C
140
mA
Short Circuit Current
D
VO DT
Average Temperature
IO e 50 mA
b
09
mV C
Coefficient of Output Voltage
LM78L12AC
Electrical Characteristics
0 C s TA s a125 C VI e 19V IO e 40 mA CI e 033 mF CO e 01 mF unless otherwise specified (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
TJ e 25 C
115
12
125
V
VR LINE
Line Regulation
TJ e 25 C
145V s VI s 27V
120
250
mV
16V s VI s 27V
100
200
VR LOAD
Load Regulation
TJ e 25 C
10 mA s IO s 100 mA
20
100
mV
10 mA s IO s 40 mA
10
50
VO
Output Voltage
145V s VI s 27V
10 mA s IO s 40 mA
114
126
V
(Note 2)
145V s VI s VMax
10 mA s IO s 70 mA
114
126
IQ
Quiescent Current
21
55
mA
D
IQ
Quiescent Current
With Line
16V s VI s 27V
15
mA
Change
With Load
10 mA s IO s 40 mA
01
NO
Noise
TA e 25 C 10 Hz s f s 100 kHz
80
m
V
D
VI DVO
Ripple Rejection
f e 120 Hz 15V s VI s 25V TJ e 25 C37
42
dB
VDO
Dropout Voltage
TJ e 25 C
17
V
Ipk IOS
Peak OutputOutput
TJ e 25 C
140
mA
Short Circuit Current
D
VO DT
Average Temperature
IO e 50 mA
b
10
mV C
Coefficient of Output Voltage
Note 1
The maximum steady state usable output current and input voltage are very dependent on the heat sinking andor lead length of the package The data
above represent pulse test conditions with junction temperatures as indicated at the initiation of tests
Note 2
Power Dissipation s 075W
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com