Electronic Components Datasheet Search
  English  ▼

X  

LM78L00 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L00 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM78L00 Datasheet HTML 1Page - National Semiconductor (TI) LM78L00 Datasheet HTML 2Page - National Semiconductor (TI) LM78L00 Datasheet HTML 3Page - National Semiconductor (TI) LM78L00 Datasheet HTML 4Page - National Semiconductor (TI) LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) LM78L00 Datasheet HTML 6Page - National Semiconductor (TI) LM78L00 Datasheet HTML 7Page - National Semiconductor (TI) LM78L00 Datasheet HTML 8Page - National Semiconductor (TI) LM78L00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH10051
June 1989
LM78L00 Series
3-Terminal Positive Voltage Regulators
General Description
The LM78L00 series of 3-terminal positive voltage regula-
tors employ internal current-limiting and thermal shutdown
making them essentially indestructible If adequate heat
sinking is provided they can deliver up to 100 mA output
current They are intended as fixed voltage regulators in a
wide range of applications including local (on-card) regula-
tion for elimination of noise and distribution problems asso-
ciated with single-point regulation In addition they can be
used with power pass elements to make high current volt-
age regulators The LM78L00 used as a Zener dioderesis-
tor combination replacement offers an effective output im-
pedance improvement of typically two orders of magnitude
along with lower quiescent current and lower noise
Features
Y
Output current up to 100 mA
Y
No external components
Y
Internal thermal overload protection
Y
Internal short circuit current-limiting
Y
Available in JEDEC TO-92
Y
Output Voltages of 50V 62V 82V 90V 12V 15V
Y
Output voltage tolerances of g5% over the
temperature range
Connection Diagram
TLH10051 – 1
Top View
Order Number LM78L05ACZ LM78L09ACZ
LM78L12ACZ LM78L15ACZ LM78L62ACZ or LM78L82ACZ
See NS Package Number Z03A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM78L00

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
3-Terminal Low Current Positive Voltage Regulators
LM78L00 FCI-LM78L00 Datasheet
2Mb / 7P
LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
LM78L00 FCI-LM78L00_1 Datasheet
2Mb / 7P
LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78L00

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
3-Terminal Positive Voltage Regulators
LM341 TI-LM341_15 Datasheet
1Mb / 18P
Series 3-Terminal Positive Voltage Regulators
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com