Electronic Components Datasheet Search
  English  ▼

X  

LM78L00 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L00 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM78L00 Datasheet HTML 1Page - National Semiconductor (TI) LM78L00 Datasheet HTML 2Page - National Semiconductor (TI) LM78L00 Datasheet HTML 3Page - National Semiconductor (TI) LM78L00 Datasheet HTML 4Page - National Semiconductor (TI) LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) LM78L00 Datasheet HTML 6Page - National Semiconductor (TI) LM78L00 Datasheet HTML 7Page - National Semiconductor (TI) LM78L00 Datasheet HTML 8Page - National Semiconductor (TI) LM78L00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
b
65 Cto a150 C
Operation Junction Temperature Range
Commercial (LM78L00AC)
0 Cto a125 C
Lead Temperature
TO-92 PackageSO-8
(Soldering 10 sec)
265 C
Power Dissipation
Internally Limited
Input Voltage
50V to 15V
35V
ESD Susceptibility
to be determined
LM78L05AC
Electrical Characteristics
0 C s TA s a125 C VI e 10V IO e 40 mA CI e 033 mF CO e 01 mF unless otherwise specified (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
TJ e 25 C
48
50
52
V
VR LINE
Line Regulation
TJ e 25 C
70V s VI s 20V
55
150
mV
80V s VI s 20V
45
100
VR LOAD
Load Regulation
TJ e 25 C
10 mA s IO s 100V
11
60
mV
10 mA s IO s 40 mA
50
30
VO
Output Voltage
70V s VI s 20V
10 mA s IO s 40 mA
475
525
V
(Note 2)
70V s VI s VMax
10 mA s IO s 70 mA
475
525
IQ
Quiescent Current
20
55
mA
D
IQ
Quiescent Current
With Line
80V s VI s 20V
15
mA
Change
With Load
10 mA s IO s 40 mA
01
NO
Noise
TA e 25 C 10 Hz s f s 100 kHz
40
m
V
D
VI DVO
Ripple Rejection
f e 120 Hz 80V s VI s 18V TJ e 25 C41
49
dB
VDO
Dropout Voltage
TJ e 25 C
17
V
Ipk IOS
Peak OutputOutput
TJ e 25 C
140
mA
Short Circuit Current
D
VO DT
Average Temperature
IO e 50 mA
b
065
mV C
Coefficient of Output Voltage
Note 1
The maximum steady state usable output current and input voltage are very dependent on the heat sinking andor lead length of the package The data
above represent pulse test conditions with junction temperatures as indicated at the initiation of tests
Note 2
Power Dissipation s 075W
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com