Electronic Components Datasheet Search
  English  ▼

X  

LM78L00 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L00 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM78L00 Datasheet HTML 2Page - National Semiconductor (TI) LM78L00 Datasheet HTML 3Page - National Semiconductor (TI) LM78L00 Datasheet HTML 4Page - National Semiconductor (TI) LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) LM78L00 Datasheet HTML 6Page - National Semiconductor (TI) LM78L00 Datasheet HTML 7Page - National Semiconductor (TI) LM78L00 Datasheet HTML 8Page - National Semiconductor (TI) LM78L00 Datasheet HTML 9Page - National Semiconductor (TI) LM78L00 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Design Considerations
The LM78L series regulators have thermal overload protec-
tion from excessive power internal short-circuit protection
which limits each circuit’s maximum current and output
transistor safe-area protection for reducing the output cur-
rent as the voltage across each pass transistor is increased
Although the internal power dissipation is limited the junc-
tion temperature must be kept below the maximum speci-
fied temperature (125 C) in order to meet data sheet specifi-
cations To calculate the maximum junction temperature or
heat sink required the following thermal resistance values
should be used
Package
Typ
Max
Typ
Max
iJC
iJC
iJA
iJA
TO-92
160
160
Thermal Considerations
The TO-92 molded package is capable of unusually high
power dissipation due to the lead frame design However its
thermal capabilities are generally overlooked because of a
lack of understanding of the thermal paths from the semi-
conductor junction to ambient temperature While thermal
resistance is normally specified for the device mounted
1 cm above an infinite heat sink very little has been men-
tioned of the options available to improve on the conserva-
tively rated thermal capability
An explanation of the thermal paths of the TO-92 will allow
the designer to determine the thermal stress he is applying
in any given application
The TO-92 Package
The TO-92 package thermal paths are complex In addition
to the path through the molding compound to ambient tem-
perature there is another path through the leads in parallel
with the case path to ambient temperature as shown in
Figure 1
The total thermal resistance in this model is then
iJA e
(iJC a iCA)(iJL a iLA)
iJC a iCA a iJL a iLA
(1)
Where
iJCe thermal resistance of the case between the regu-
lator die and a point on the case directly above
the die location
iCAe thermal resistance between the case and air at
ambient temperature
iJLe thermal resistance from regulator die through the
input lead to a point
inch below the regulator
case
iLAe total thermal resistance of the inputoutput
ground leads to ambient temperature
iJAe junction to ambient thermal resistance
TLH10051 – 4
FIGURE 1 TO-92 Thermal Equivalent Circuit
Methods of Heat Sinking
With two external thermal resistances in each leg of a paral-
lel network available to the circuit designer as variables he
can choose the method of heat sinking most applicable to
his particular situation To demonstrate consider the effect
of placing a small 72 CW flag type heat sink such as the
Staver F1-7D-2 on the LM78L00 molded case The heat
sink effectively replaces the iCA (Figure 2) and the new
thermal resistance i JA equals 145 CW (assuming 0125
inch lead length)
The net change of 15 CW increases the allowable power
dissipation to 086W with a minimal inserted cost A still
further decrease in iJA could be achieved by using a heat
sink rated at 46 CW such as the Staver FS-7A Also if the
case sinking does not provide an adequate reduction in total
iJA the other external thermal resistance iLA may be re-
duced by shortening the lead length from package base to
mounting medium However one point must be kept in
mind The lead thermal path includes a thermal resistance
iSA from the leads at the mounting point to ambient that is
the mounting medium iLA is then equal to iLS a iSA The
new model is shown in
Figure 2
In the case of a socket iSA could be as high as 270 CW
thus causing a net increase in iJA and a consequent de-
crease in the maximum dissipation capability Shortening
the lead length may return the net iJA to the original value
but lead sinking would not be accomplished
In those cases where the regulator is inserted into a copper
clad printed circuit board it is advantageous to have a maxi-
mum area of copper at the entry points of the leads While it
would be desirable to rigorously define the effect of PC
board copper the real world variables are too great to allow
anything more than a few general observations
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com