Electronic Components Datasheet Search
  English  ▼

X  

LM78L00 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L00 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM78L00 Datasheet HTML 2Page - National Semiconductor (TI) LM78L00 Datasheet HTML 3Page - National Semiconductor (TI) LM78L00 Datasheet HTML 4Page - National Semiconductor (TI) LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) LM78L00 Datasheet HTML 6Page - National Semiconductor (TI) LM78L00 Datasheet HTML 7Page - National Semiconductor (TI) LM78L00 Datasheet HTML 8Page - National Semiconductor (TI) LM78L00 Datasheet HTML 9Page - National Semiconductor (TI) LM78L00 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Methods of Heat Sinking (Continued)
The best analogy for PC board copper is to compare it with
parallel resistors Beyond some point additional resistors
are not significantly effective beyond some point additional
copper area is not effective
TLH10051 – 5
FIGURE 2 TO-92 Thermal Equivalent Circuit
(Lead at other than Ambient Temperature)
High Dissipation Applications
TLH10051 – 6
TLH10051 – 7
Where it is necessary to operate a LM78L00 regulator with a
large inputoutput differential voltage the addition of series
resistor R1 will extend the output current range of the de-
vice by sharing the total power dissipation between R1 and
the regulator
R1 e
VI Min b VO b 20V
IL Max a IQ
(2)
where
IQ is the regulator quiescent current
Regulator power dissipation at maximum input voltage and
maximum load current is now
PD Max e (V1 b VO)IL Max a V1 IQ
(3)
where
V1 e VI Max b (IL Max a IQ)R1
The presence of R1 will affect load regulation according to
the equation
Load regulation (at constant VI)
(4)
e
load regulation (at constant V1)
a
line regulation (mV per V)
c
(RI) c (DIL)
As an example consider a 15V regulator with a supply volt-
age of 30 g50V required to supply a maximum load cur-
rent of 30 mA IQ is 43 mA and minimum load current is to
be 10 mA
R1 e
25 b 15 b 2
30 a 43
e
8
343
j
240X
(5)
V1 e 35 b (30 a 43) 024 e 35 b 82 e 268V
PD Max e (268 b15) 30 a268 (43)
e
354 a 115
e
470 mW which permit operation up to
70 C in most applications
Line regulation of this circuit is typically 110 mV for an input
range of 25V – 35V at a constant load current ie 11 mVV
Load regulation e constant V1 load regulation
(6)
(typically 10 mV 10 mA – 30 mA IL)
a
(11 mVV) c 024 c 20 mA
(typically 53 mV)
e
63 mV for a load current change of
20 mA at a constant VI of 30V
Typical Applications
TLH10051 – 8
Note 1
To specify an output voltage substitute voltage value for ‘‘00’’
Note 2
Bypass capacitors are recommended for optimum stability and tran-
sient response and should be located as close as possible to the regulator
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com