Electronic Components Datasheet Search
  English  ▼

X  

ML6652 Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML6652 Datasheet HTML 19Page - Micro Linear Corporation ML6652 Datasheet HTML 20Page - Micro Linear Corporation ML6652 Datasheet HTML 21Page - Micro Linear Corporation ML6652 Datasheet HTML 22Page - Micro Linear Corporation ML6652 Datasheet HTML 23Page - Micro Linear Corporation ML6652 Datasheet HTML 24Page - Micro Linear Corporation ML6652 Datasheet HTML 25Page - Micro Linear Corporation ML6652 Datasheet HTML 26Page - Micro Linear Corporation ML6652 Datasheet HTML 27Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ML6652
23
January 2002
Preliminary Datasheet
STATUS REGISTERS
Status Registers
Register 27 ADDR 11011 (bin) 1B (hex) All bits are Read Only
Bit
Name
Description
15
FOFORCELO
This bit set high when the fiber optic input PLL follows the local oscillator
14
FOBADFREQ
This bit set high when there is a large difference between the frequency of the reference
clock and the frequency of the VCO of the fiber optic input PLL. The low frequency
threshold is between 121 and 123MHz, and the high frequency threshold is between 127
and 129MHz. This indicator is disabled when "FSENSEDIS" bit <18.3> is 1 or when the
filter of the PLL is being reset.
13
FEFDETECT
This bit set high when the Far End Fault (FEF) pattern is detected at the fiber optic input
interface
12
TPFORCELO
This bit set high when the twisted pair input PLL follows the local oscillator
11
TPBADFREQ
This bit set high when there is a large difference between the frequency of the reference
clock and the frequency of the VCO of the twisted pair input PLL. The low frequency
threshold is between 121 and 123MHz, and the high frequency threshold is between 127
and 129MHz. This indicator is disabled when "FSENSEDIS" bit <18.3> is 1 or when the
filter of the PLL is being reset.
10
NOSEED
This bit set high when the descrambler is enabled and the seed is not updated for 1.3ms
to 2ms. This bit set low when the seed is updated. The high value is latched until it’s
read. Default is 0
9
TPLINKSTATUS
This bit set high when the twisted pair link is up. This bit is latched low until read. It only
applies to NON-TRANSPARENT Mode. It is always low in TRANSPARENT Mode
8
ANCOMPL
Auto-Negotiation Complete. This bit set high indicates that the Auto-Negotiation process
on the twisted pair link is completed. It only applies to NON-TRANSPARENT Mode. It is
always low in TRANSPARENT Mode
7
TPIN100
This bit set high indicates that 100Mbps signal is being detected at the twisted pair input
interface
6
TPIN10
This bit set high indicates that 10Mbps signal is being detected at the twisted pair input
interface
5
DATACTOF
This bit set high indicates that a data packet has been detected at the twisted pair input.
This bit is latched high until it’s read. This bit is always low if both TPIN10 and TPIN100
are low
4
FLP
This bit set high, when FLP Bursts are detected at the twisted pair input interface. It is
also set high when FLNP Bursts are detected at the twisted pair interface when PECL
mode is selected for it
3
FOIN100
This bit set high when 100Base-FX or 100Base-SX signal is being detected at the fiber
optic input interface
2
FOIN10
This bit set high when 10Base-FL signal is being detected at the fiber optic input
interface
1
DATAFTOC
This bit set high when a data packet has been detected at the fiber optic input. This bit is
latched high until it’s read. This bit is always low if both FOIN10 and FOIN100 are off
0
FLNP
This bit set high when FLNP Bursts are detected at the fiber optic input interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com