Electronic Components Datasheet Search
  English  ▼

X  

ML6652 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6652 Datasheet HTML 4Page - Micro Linear Corporation ML6652 Datasheet HTML 5Page - Micro Linear Corporation ML6652 Datasheet HTML 6Page - Micro Linear Corporation ML6652 Datasheet HTML 7Page - Micro Linear Corporation ML6652 Datasheet HTML 8Page - Micro Linear Corporation ML6652 Datasheet HTML 9Page - Micro Linear Corporation ML6652 Datasheet HTML 10Page - Micro Linear Corporation ML6652 Datasheet HTML 11Page - Micro Linear Corporation ML6652 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ML6652
8
January 2002
Preliminary Datasheet
PIN DESCRIPTIONS (continued)
Pin No. Signal Name
I/O
Description
CONTROL
13
TPOUTOFF#
I (CMOS)
Active low, the output stage of the twisted pair output is turned off. If not
connected they are pulled high by internal resistors
14
FOOUTOFF#
I (CMOS)
Active low, the output stage of the fiber optic output is turned off. If not
connected they are pulled high by internal resistors
24
PWRDWN#
I (CMOS)
Active low, all the circuits are powered down. Configuration pins are read and
register bits are initialized 3 to 8
µs after a rising edge of PWRDWN#. If not
connected they are pulled high by internal resistors
DATA SIGNAL INPUT/OUTPUT
1
TPOUTP
O
The two operating modes available for these pins are selected with the
configuration pin PECLTP (pin 7) or the configuration bit PECLTP <30.3>
3
TPOUTN
O
Twisted Pair Interface Mode:
Transmit twisted pair positive and complementary outputs. These outputs form
a differential current output pair that drives Multi Level Transition (MLT-3)
waveforms into the network coupling transformer during 100Mbps mode,
Manchester encoded 10Base-T data or Normal Line Pulses (NLPs) during
10Mbps mode, and Fast Link Pulse (FLP) Bursts during Auto-Negotiation.
TPOUTP and TPOUTN must have external pull up resistors to VCC (refer to
description of RTTP pin)
PECL/LVPECL Compatible Interface Mode:
PECL/LVPECL interface positive and complementary outputs. These outputs
form a differential current output pair that drives Non Return to Zero Inverted
(NRZI) encoded 100Base-FX or 100Base-SX symbols during 100Mbps mode,
Manchester encoded 10Base-FL data or OPT_IDL during 10Mbps mode, and
Fiber Link Negotiation Pulse (FLNP) Bursts during Auto-Negotiation. TPOUTP
and TPOUTN must have external pull up resistors to VCC and be AC coupled
to the inputs of a fiber optic PMD module (refer to description of RTTP pin). A
resistor network may be needed to setup the common mode voltage at the
input pins of the PMD module
38
RTTP
I
Twisted pair PECL/LVPECL compatible driver bias resistor. An external resistor
connected between RTTP and ground sets a constant bias current for the
differential output driver circuitry TPOUTP/TPOUTN.
These output currents depend on the operating mode.
The recommended external component values are:
Twisted Pair Mode:
2K
Ω, 1%, between RTTP and ground
50
Ω, 1%, between TPOUTP and VCC
50
Ω, 1%, between TPOUTN and VCC
PECL Compatible mode:
2K
Ω, 1%, between RTTP and ground
62
Ω, 1%, between TPOUTP and VCC
62
Ω, 1%, between TPOUTN and VCC
Also AC coupled to the PMD inputs
10
TPINP
I
The two operating modes available for these pins are selected with the
configuration pin PECLTP (Pin 7) or the configuration bit PECLTP <30.3>.
11
TPINN
I
Twisted Pair Interface Mode:
Receive twisted pair positive and complementary inputs. These inputs form a
differential input pair that receives 100Base-TX, FLP Burst, or 10Base-T signal
from the network. The common mode voltage is set internally and the
differential input resistance is about 2K
Ω.
The twisted pair interface requires a network consisting of a 1500Pf capacitor
and a 200
Ω resistor in parallel; in series with each pin 10 and 11 as shown in
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com