Electronic Components Datasheet Search
  English  ▼

X  

ML6652 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6652 Datasheet HTML 1Page - Micro Linear Corporation ML6652 Datasheet HTML 2Page - Micro Linear Corporation ML6652 Datasheet HTML 3Page - Micro Linear Corporation ML6652 Datasheet HTML 4Page - Micro Linear Corporation ML6652 Datasheet HTML 5Page - Micro Linear Corporation ML6652 Datasheet HTML 6Page - Micro Linear Corporation ML6652 Datasheet HTML 7Page - Micro Linear Corporation ML6652 Datasheet HTML 8Page - Micro Linear Corporation ML6652 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ML6652
5
January 2002
Preliminary Datasheet
PIN DESCRIPTIONS (continued)
Pin No. Signal Name
I/O
Description
6
AD10
I
Sets the value of the PHY address bits 1 and 0 for accessing the Serial
Management Interface.
Note: this pin is typically read a few microseconds after power-up, if it is tied
to supplies that do not track the ML6652 power improper results will occur.
Use VCCD (pin 19) as the pull up point, do not add decoupling capacitors to
this input pin (without thoroughly understanding your PCB layout dynamics the
safest course is to make short connections and do not add decoupling
capacitors to this input pin).
7
PECLTP
I
The copper interface is selected as shown in Table 2. When twisted pair
interface is selected, the scrambler and descrambler are enabled by default
and can be disabled with a management register bit.
When using twisted pair interface, this pin also defines the maximum
supported link distance. When the 10 meters maximum link length is selected,
the input is not equalized before being sliced.
Note: this pin is typically read a few microseconds after power-up, if it is tied
to supplies that do not track the ML6652 power improper results will occur.
Use VCCD (pin 19) as the pull up point, do not add decoupling capacitors to
this input pin (without thoroughly understanding your PCB layout dynamics the
safest course is to make short connections and do not add decoupling
capacitors to this input pin).
e
m
a
N
n
i
PW
I
L
4
D
A2
3
D
A0
1
D
A
l
e
v
e
L
t
u
p
n
In
o
i
t
c
n
u
F
W
I
Lt
i
B
4
D
A
Y
H
Pt
i
B
3
D
A
Y
H
Pt
i
B
2
D
A
Y
H
Pt
i
B
1
D
A
Y
H
Pt
i
B
0
D
A
Y
H
P
0d
e
l
b
a
s
i
D0
0
0
0
0
C
C
V
f
o
3
/
1d
e
l
b
a
n
E0
1
0
1
0
C
C
V
f
o
3
/
2d
e
l
b
a
n
E1
1
1
1
1
C
C
Vd
e
l
b
a
s
i
D1
0
1
0
1
Table 1.
P
T
L
C
E
P
t
a
s
e
c
a
f
r
e
t
n
I
d
n
a
N
N
I
P
T
/
P
N
I
P
T
N
T
U
O
P
T
/
P
T
U
O
P
T
P
T
L
C
E
P
>
3
.
0
3
<
t
l
u
a
f
e
D
h
t
g
n
e
L
r
e
p
p
o
C
P
T
T
R
O
H
S
>
2
.
0
3
<
t
l
u
a
f
e
D
t
n
e
r
r
u
C
t
u
p
t
u
O
T
U
O
P
T
I
W
O
L
>
4
.
0
3
<
t
l
u
a
f
e
D
0r
i
a
P
d
e
t
s
i
w
T0
X
T
-
e
s
a
B
0
0
1
d
r
a
d
n
a
t
S
0d
r
a
d
n
a
t
S0
C
C
V
f
o
3
/
1L
C
E
P
V
L
/
L
C
E
P1
s
e
c
a
r
T
B
C
P0
A
N0
C
C
V
f
o
3
/
2r
i
a
P
d
e
t
s
i
w
T0
s
e
c
a
r
T
B
C
P1
w
o
L1
C
C
Vr
i
a
P
d
e
t
s
i
w
T0
m
0
11
d
r
a
d
n
a
t
S0
Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com