Electronic Components Datasheet Search
  English  ▼

X  

ML6652 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6652 Datasheet HTML 1Page - Micro Linear Corporation ML6652 Datasheet HTML 2Page - Micro Linear Corporation ML6652 Datasheet HTML 3Page - Micro Linear Corporation ML6652 Datasheet HTML 4Page - Micro Linear Corporation ML6652 Datasheet HTML 5Page - Micro Linear Corporation ML6652 Datasheet HTML 6Page - Micro Linear Corporation ML6652 Datasheet HTML 7Page - Micro Linear Corporation ML6652 Datasheet HTML 8Page - Micro Linear Corporation ML6652 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ML6652
4
January 2002
Preliminary Datasheet
PIN CONFIGURATION
Signal names followed by "#" indicate active low input.
Pin No. Signal Name
I/O
Description
CONFIGURATION
4
AD4LIW
I
Sets the value of the Physical Layer (PHY) address bit 4 for accessing the Serial
Management Interface, and determines if the Link Integrity Warning (LIW)
function is enabled or disabled.
The Link Integrity Warning (LIW) function can only be enabled when only one
SPEED is available through setting of SPEED ( pin 27) and/or management
registers. When LIW is enabled and the input link is down at one interface to
the Media Converter, the transmitter output on that interface is turned off for
about 425ms every 3.8 seconds. It applies to both network interfaces and both
data rates. If the link at the other interface to the Media Converter is also
down, there is no output. The LIW function causes the Link Up indicator of the
link partner to blink.
Note: this pin is typically read a few microseconds after power-up, if it is tied
to supplies that do not track the ML6652 power improper results will occur.
Use VCCD (pin 19) as the pull up point, do not add decoupling capacitors to
this input pin (without thoroughly understanding your PCB layout dynamics the
safest course is to make short connections and do not add decoupling
capacitors to this input pin).
5
AD32
I
Sets the value of the PHY address bits 3 and 2 for accessing the Serial
Management Interface.
Note: this pin is typically read a few microseconds after power-up, if it is tied
to supplies that do not track the ML6652 power improper results will occur.
Use VCCD (pin 19) as the pull up point, do not add decoupling capacitors to
this input pin (without thoroughly understanding your PCB layout dynamics the
safest course is to make short connections and do not add decoupling
capacitors to this input pin).
TOP VIEW
ML6652
44-Pin TQFP (H44-10)
FOINP
FOINN
VCCQ
CQOS
SDFO
GNDFC
SPEED
VCCFC
DUPLEX
PWRDWN#
VCCL
TPOUTP
GNDT
TPOUTN
AD4LIW
AD32
AD10
PECLTP
PECLQU
VCCE
TPINP
TPINN
12 13 14 15 16 17 18
1
2
3
4
5
6
7
8
9
10
11
44 43 42 41 40
33
32
31
30
29
28
27
26
25
24
23
39 38
19
37
20
36
21
35
22
34
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com