Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 6 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 6 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 2Page - Analog Devices AMP01EX Datasheet HTML 3Page - Analog Devices AMP01EX Datasheet HTML 4Page - Analog Devices AMP01EX Datasheet HTML 5Page - Analog Devices AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices AMP01EX Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 5 of 29
VS = ±15 V, RS = 10 kΩ, RL = 2 kΩ, TA = 25°C, −25°C ≤ TA ≤ +85°C for E and F grades, 0°C ≤ TA ≤ 70°C for G grade, unless otherwise noted.
Table 2.
Test Conditions/Comments
AMP01E
AMP01F/AMP01G
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
TA = 25°C
20
50
40
100
μV
TMIN ≤ TA ≤ TMAX
40
80
60
150
μV
Input Offset Voltage Drift
TCVIOS
TMIN ≤ TA ≤ TMAX1
0.15
0.3
0.3
1.0
μV°C
Output Offset Voltage
VOOS
TA = 25°C
1
3
2
6
mV
TMIN ≤ TA ≤ TMAX
3
6
6
10
mV
Output Offset Voltage Drift
TCVOOS
RG = ∞1
−55°C ≤ TA ≤ +125°C
20
100
50
120
μV/°C
Offset Referred to Input vs.
Positive Supply
PSR
V+ = +5 V to +15 V
G = 1000
120
130
110
120
dB
G = 100
110
130
100
120
dB
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
TMIN ≤ TA ≤ TMAX
G = 1000
120
130
110
120
dB
G = 100
110
130
100
120
dB
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
Offset Referred to Input vs.
Negative Supply
PSR
V− = −5 V to −15 V
G = 1000
110
125
105
115
dB
G = 100
95
105
90
95
dB
G = 10
75
85
70
75
dB
G = 1
55
65
50
60
dB
TMIN ≤ TA ≤ TMAX
G = 1000
110
125
105
115
dB
G = 100
95
105
90
95
dB
G = 10
75
85
70
75
dB
G = 1
55
85
50
60
dB
Input Offset Voltage Trim Range
VS = ±4.5 V to ±18 V2
±6
±6
mV
Output Offset Voltage Trim Range
VS = ±4.5 V to ±18 V2
±100
±100
mV
INPUT CURRENT
Input Bias Current
IB
TA = 25°C
1
4
2
6
nA
TMIN ≤ TA ≤ TMAX
4
10
6
15
nA
Input Bias Current Drift
TCIB
TMIN ≤ TA ≤ TMAX
40
50
pA/°C
Input Offset Current
IOS
TA = 25°C
0.2
1.0
0.5
2.0
nA
TMIN ≤ TA ≤ TMAX
0.5
3.0
1.0
6.0
nA
Input Offset Current Drift
TCIOS
TMIN ≤ TA ≤ TMAX
3
5
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com