Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 8 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 8 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 4Page - Analog Devices AMP01EX Datasheet HTML 5Page - Analog Devices AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices AMP01EX Datasheet HTML 10Page - Analog Devices AMP01EX Datasheet HTML 11Page - Analog Devices AMP01EX Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 7 of 29
VS = ±15 V, RS = 10 kΩ, RL = 2 kΩ, TA = 25°C, unless otherwise noted.
Table 3.
AMP01A/AMP01E
AMP01B/AMP01F/AMP01G
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation Accuracy
G = (20 × RS)/RG, accuracy
measured from G = 1 to 100
0.3
0.6
0.5
0.8
%
Gain Range
G
0.1
10,000
0.1
10,000
V/V
Nonlinearity
G = 10001
0.0007
0.005
0.0007
0.005
%
G = 1001
0.005
0.005
%
G = 101
0.005
0.007
%
G = 11
0.010
0.015
%
Temperature Coefficient
GTC
1 ≤ G ≤ 10001, 2
5
10
5
15
ppm°C
OUTPUT RATING
Output Voltage Swing
VOUT
RL= 2 kΩ
±13.0
±13.8
±13.0
±13.8
V
RL= 500 kΩ
±13.0
±13.5
±13.0
±13.5
V
RL= 50 kΩ
±2.5
±4.0
±2.5
±4.0
V
RL= 2 kΩ over temperature
±12.0
±13.8
±12.0
±13.8
V
RL= 500 kΩ3
±12.0
±13.5
±12.0
±13.5
V
Positive Current Limit
Output to ground short
60
100
120
60
100
120
mA
Negative Current Limit
Output to ground short
60
90
120
60
90
120
mA
Capacitive Load
Stability
1 ≤ G ≤ 1000,
no oscillations1
0.1
1
0.1
1
μF
Thermal Shutdown
Temperature
Junction temperature
165
165
°C
NOISE
Voltage Density, RTI
en
fO = 1 kHz
G = 1000
5
5
nV/√Hz
G = 100
10
10
nV/√Hz
G = 10
59
59
nV/√Hz
G = 1
540
540
nV/√Hz
Noise Current Density, RTI
in
fO = 1 kHz, G = 1000
0.15
0.15
pV/√Hz
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
G = 1000
0.12
0.12
μV p-p
G = 100
0.16
0.16
μV p-p
G = 10
1.4
1.4
μV p-p
G = 1
13
13
μV p-p
Input Noise Current
in p-p
0.1 Hz to 10 Hz, G = 1000
2
2
pV p-p
DYNAMIC RESPONSE
Small-Signal Bandwidth
(−3 dB)
BW
G = 1
570
570
kHz
G = 10
100
100
kHz
G = 100
82
82
kHz
G = 1000
26
26
kHz
Slew Rate
G = 10
3.5
4.5
3.0
4.5
V/μs
Settling Time
To 0.01%, 20 V step
G = 1
12
12
μs
G = 10
13
13
μs
G = 100
15
15
μs
G = 1000
50
50
μs
1 Guaranteed by design.
2 Gain temperature coefficient does not include the effects of gain and scale resistor temperature coefficient match.
3 −55°C ≤ TA ≤ +125°C for A and B grades, −25°C ≤ TA ≤ +85°C for E and F grades, 0°C ≤ TA ≤ 70°C for G grade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com