Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 19 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 19 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 15Page - Analog Devices AMP01EX Datasheet HTML 16Page - Analog Devices AMP01EX Datasheet HTML 17Page - Analog Devices AMP01EX Datasheet HTML 18Page - Analog Devices AMP01EX Datasheet HTML 19Page - Analog Devices AMP01EX Datasheet HTML 20Page - Analog Devices AMP01EX Datasheet HTML 21Page - Analog Devices AMP01EX Datasheet HTML 22Page - Analog Devices AMP01EX Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 18 of 29
THEORY OF OPERATION
INPUT AND OUTPUT OFFSET VOLTAGES
Instrumentation amplifiers have independent offset voltages
associated with the input and output stages. Still, temperature
variations cause offset shifts regardless of initial zero adjustments.
Systems with auto-zero correct for offset errors, rendering initial
adjustment unnecessary. However, many high gain applications
do not have auto-zero. For such applications, both offsets can be
nulled, which has minimal effect on TCVIOS and TCVOOS.
The input offset component is directly multiplied by the amplifier
gain, whereas output offset is independent of gain. Therefore, at
low gain, output offset errors dominate, whereas at high gain,
input offset errors dominate. The overall offset voltage, VOS,
referred to the output (RTO) is calculated as follows:
VOS (RTO) = (VIOS × G) + VOOS
(1)
where:
VIOS is the input offset voltage specification.
VOOS is the output offset voltage specification.
G is the amplifier gain.
Input offset nulling alone is recommended with amplifiers
having fixed gain above 50. Output offset nulling alone is
recommended when gain is fixed at 50 or below.
In applications requiring both initial offsets to be nulled, the
input offset is nulled first by short circuiting RG, then the output
offset is nulled with the short removed.
The overall offset voltage drift, TCVOS, referred to the output is
a combination of input and output drift specifications. Input
offset voltage drift is multiplied by the amplifier gain, G, and
summed with the output offset drift:
TCVOS (RTO) = (TCVIOS × G) + TCVOOS
(2)
where:
TCVIOS is the input offset voltage drift.
TCVOOS is the output offset voltage specification.
Frequently, the amplifier drift is referred back to the input
(RTI), which is then equivalent to an input signal change:
G
TCV
TCV
RTI
TCV
OOS
IOS
OS
)
(
(3)
For example, the maximum input referred drift of an AMP01EX
set to G = 1000 becomes,
max
C
/
V
4
.
0
1000
C
/
V
100
C
/
V
3
.
0
)
(
RTI
TCV
OS
INPUT BIAS AND OFFSET CURRENTS
Input transistor bias currents are additional error sources that
can degrade the input signal. Bias currents flowing through the
signal source resistance appear as an additional offset voltage.
Equal source resistance on both inputs of an instrumentation
amplifier (IA) minimizes offset changes due to bias current
variations with signal voltage and temperature. However, the
difference between the two bias currents, the input offset
current, produces a nontrimmable error. The magnitude of the
error is the offset current times the source resistance.
A current path must always be provided between the differential
inputs and analog ground to ensure correct amplifier operation.
Floating inputs, such as thermocouples, must be grounded close
to the signal source for best common-mode rejection.
GAIN
The AMP01 uses two external resistors for setting voltage gain
over the range of 0.1 to 10,000. The magnitudes of the scale
resistor, RS, and the gain set resistor, RG, are related by the
formula G = 20 × RS/RG, where G is the selected voltage gain
(see Figure 32).
REFERENCE
OUTPUT
V+
V–
RS
RG
+IN
–IN
VOLTAGE GAIN, G =
20
RS
RG
SENSE
AMP01
14
15
13
12
7
9
8
11
10
3
2
1
18
Figure 32. Basic AMP01 Connections for Gains of 0.1 to 10,000
The magnitude of RS affects linearity and output referred errors.
Circuit performance is characterized using RS = 10 kΩ when
operating on ±15 V supplies and driving a ±10 V output. RS can
be reduced to 5 kΩ in many applications, particularly when
operating on ±5 V supplies, or if the output voltage swing is
limited to ±5 V. Bandwidth is improved with RS = 5 kΩ,
increasing the common-mode rejection by approximately 6 dB
at low gain. Reducing the value below 5 kΩ can cause instability
in some circuit configurations and usually has no advantage.
High voltage gains between 2 and 10,000 require very low
values of RG. For RS = 10 kΩ and AV = 2000, RG = 100 Ω; this
value is the practical lower limit for RG. Below 100 Ω, mismatch
of wire bond and resistor temperature coefficients (TCs)
introduce significant gain TC errors. Therefore, for gains above
2000, RG must be kept constant at 100 Ω and RS increased. The
maximum gain of 10,000 is obtained with RS set to 50 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com