Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 10 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 10 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices AMP01EX Datasheet HTML 10Page - Analog Devices AMP01EX Datasheet HTML 11Page - Analog Devices AMP01EX Datasheet HTML 12Page - Analog Devices AMP01EX Datasheet HTML 13Page - Analog Devices AMP01EX Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 9 of 29
WAFER TEST LIMITS (AMP01NBC)
VS = ±15 V, RS = 10 kΩ, RL = 2 kΩ, TA = 25°C, unless otherwise noted. Electrical tests are performed at wafer probe to the limits shown.
Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard product dice. Consult
the factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
60
μV
Input Offset Voltage Drift
TCVIOS
0.15
μV/°C
Output Offset Voltage
VOOS
4
mV
Output Offset Voltage Drift
TCVOOS
RG = ∞
20
μV/°C
Offset Referred to Input vs. Positive Supply
PSR
V+ = 5 V to 15 V
G = 1000
120
dB
G = 100
110
dB
G = 10
95
dB
G = 1
75
dB
Offset Referred to Input vs. Negative Supply
PSR
V– = –5 V to –15 V
G = 1000
105
dB
G = 100
90
dB
G = 10
70
dB
G = 1
50
dB
INPUT CURRENT
Input Bias Current
IB
4
nA
Input Bias Current Drift
TCIB
40
pA/°C
Input Offset Current
IOS
1
nA
Input Offset Current Drift
TCIOS
3
pA/°C
INPUT
Input Voltage Range
IVR
Guaranteed by CMR tests
±10
V min
Common-Mode Rejection
CMR
VCM = ±10 V
G = 1000
125
dB
G = 100
120
dB
G = 10
100
dB
G = 1
85
dB
GAIN
Gain Equation Accuracy
G = (20 × RS)/RG
0.6
%
OUTPUT RATING
Output Voltage Swing
VOUT
RL = 2 kΩ
−13
+13
V
RL = 500 kΩ
−13
+13
V
RL = 50 kΩ
−2.5
+2.5
V
Output Current Limit
Output to ground short
−60
+60
mA
Output to ground short
−120
+120
mA
Quiescent Current
IQ
+V linked to +VOP
4.8
mA
−V linked to −VOP
4.8
mA
NOISE
Nonlinearity
en
G = 1000
0.0007
%
Voltage Noise Density
in
G = 1000, fO = 1 kHz
5
nV/√Hz
Current Noise Density
en p-p
G = 1000, fO = 1 kHz
0.15
pA/√Hz
Voltage Noise
in p-p
G = 1000, 0.1 Hz to 10 Hz
0.12
μV p-p
Current Noise
BW
G = 1000, 0.1 Hz to 10 Hz
2
pA p-p
DYNAMIC RESPONSE
Small-Signal Bandwidth (−3 dB)
SR
G = 1000
26
kHz
Slew Rate
tS
G = 10
4.5
V/μs
Settling Time
To 0.01%, 20 V step, G = 1000
50
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com