Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 9 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 9 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 5Page - Analog Devices AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices AMP01EX Datasheet HTML 10Page - Analog Devices AMP01EX Datasheet HTML 11Page - Analog Devices AMP01EX Datasheet HTML 12Page - Analog Devices AMP01EX Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 8 of 29
VS = ±15 V, RS = 10 kΩ, RL = 2 kΩ, TA = 25°C, unless otherwise noted.
Table 4.
AMP01A/AMP01E
AMP01B/AMP01F/AMP01G
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
SENSE INPUT
Input Resistance
RIN
35
50
65
35
50
65
kΩ
Input Current
IIN
Referenced to V−
280
280
μA
Voltage Range1
−10.5
+15
−10.5
+15
V
REFERENCE INPUT
Input Resistance
RIN
35
50
65
35
50
65
kΩ
Input Current
IIN
Referenced to V−
280
280
μA
Voltage Range1
−10.5
+15
−10.5
+15
V
Gain to Output
1
1
V/V
POWER SUPPLY
–25°C ≤ TA ≤ +85°C for E and F grades,
–55 C ≤ TA ≤ +125°C for A and B grades
Supply Voltage Range
VS
+V linked to +VOP
±4.5
±18
±4.5
±18
V
−V linked to −VOP
±4.5
±18
±4.5
±18
V
Quiescent Current
IQ
+V linked to +VOP
3.0
4.8
3.0
4.8
mA
−V linked to −VOP
3.4
4.8
3.4
4.8
mA
1 Guaranteed by design.
DICE CHARACTERISTICS
RG
RG
–INPUT
SENSE
REFERENCE
OUTPUT
V– (OUTPUT)
V–
VIOS NULL
+INPUT
* MAKE NO ELECTRICAL CONNECTION.
Figure 2. Die Size 0.111 in × 0.149 in, 16,539 sq. mils (2.82 mm × 3.78 mm, 10.67 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com