Electronic Components Datasheet Search
  English  ▼

X  

LMX9820 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820
Description  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX9820 Datasheet HTML 1Page - National Semiconductor (TI) LMX9820 Datasheet HTML 2Page - National Semiconductor (TI) LMX9820 Datasheet HTML 3Page - National Semiconductor (TI) LMX9820 Datasheet HTML 4Page - National Semiconductor (TI) LMX9820 Datasheet HTML 5Page - National Semiconductor (TI) LMX9820 Datasheet HTML 6Page - National Semiconductor (TI) LMX9820 Datasheet HTML 7Page - National Semiconductor (TI) LMX9820 Datasheet HTML 8Page - National Semiconductor (TI) LMX9820 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Revision 1.0
3
www.national.com
Table of Contents
1.0
General Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
APPLICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.0
Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . 1
3.0
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3.1
DIGITAL HARDWARE . . . . . . . . . . . . . . . . . . . . . . 2
3.2
FIRMWARE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3.3
DIGITAL SMART RADIO . . . . . . . . . . . . . . . . . . . . 2
3.4
PHYSICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4.0
Connection Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5.0
Pad Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.0
Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . 8
6.1
GENERAL SPECIFICATIONS . . . . . . . . . . . . . . . . 8
6.2
DC CHARACTERISTICS . . . . . . . . . . . . . . . . . . . 9
6.3
RF PERFORMANCE CHARACTERISTICS . . . . 10
6.4
PERFORMANCE DATA (TYPICAL) . . . . . . . . . . 12
7.0
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.1
BASEBAND AND LINK MANAGEMENT
PROCESSORS
14
7.1.1
Bluetooth Lower Link Controller . . . . . . . . . . . . 14
7.1.2
Bluetooth Upper Layer Stack . . . . . . . . . . . . . . 14
7.1.3
Profile support . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.1.4
Application with command interface . . . . . . . . . 14
7.2
MEMORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.3
CONTROL AND TRANSPORT PORT . . . . . . . . . 15
7.4
AUXILIARY PORTS . . . . . . . . . . . . . . . . . . . . . . . 15
7.4.1
Reset_5100 and Reset_b . . . . . . . . . . . . . . . . 15
7.4.2
Operating Environment Pads
(Env0 and Env1)
15
7.4.3
Interface Select Inputs (ISEL1, ISEL2) . . . . . . 15
7.4.4
Module and LInk Status Outputs . . . . . . . . . . . 15
8.0
Digital Smart Radio . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.1
RADIO RECEIVER . . . . . . . . . . . . . . . . . . . . . . . 16
8.2
LOW NOISE AMPLIFIER (LNA) . . . . . . . . . . . . . 16
8.3
RX MIXER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.4
CHANNEL SELECT FILTER . . . . . . . . . . . . . . . . 16
8.5
LIMITER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.6
FM DISCRIMINATOR . . . . . . . . . . . . . . . . . . . . . 16
8.7
RECEIVE SIGNAL STRENGTH INDICATOR
(RSSI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.8
RADIO TRANSMITTER . . . . . . . . . . . . . . . . . . . . 16
8.9
MODULATOR . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.10
TRANSMIT FREQUENCY OUTPUT . . . . . . . . . . 16
8.11
FREQUENCY SYNTHESIZERS . . . . . . . . . . . . . 16
8.12
CRYSTAL CIRCUIT . . . . . . . . . . . . . . . . . . . . . . . 16
8.13
EXTERNAL CRYSTAL OSCILLATORS . . . . . . . 16
8.13.1 Crystal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.13.2 TCXO (Temperature Compensated Crystal
Oscillator) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
9.0
System Power-Up Sequence . . . . . . . . . . . . . . . . . . . 20
10.0
Integrated Firmware . . . . . . . . . . . . . . . . . . . . . . . . . . 21
10.1
FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
10.1.1 Operation Modes . . . . . . . . . . . . . . . . . . . . . . 21
10.1.2 Default Connections . . . . . . . . . . . . . . . . . . . . 21
10.1.3 Event Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
10.1.4 Default Link Policy . . . . . . . . . . . . . . . . . . . . . 21
11.0
Low Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.1
POWER MODES . . . . . . . . . . . . . . . . . . . . . . . . 23
11.2
ENABLING AND DISABLING UART
TRANSPORT
23
11.2.1 Hardware Wake up functionality . . . . . . . . . . . 23
11.2.2 Disabling the UART transport layer . . . . . . . . 23
11.2.3 LMX9820 enabling the UART interface . . . . . 23
11.2.4 Enabling the UART transport layer
from the host
23
12.0
Command Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12.1
FRAMING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12.1.1 Start and End Delimiter . . . . . . . . . . . . . . . . . . 24
12.1.2 Packet Type ID . . . . . . . . . . . . . . . . . . . . . . . . 24
12.1.3 Opcode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12.1.4 Data Length . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12.1.5 Checksum: . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12.2
COMMAND SET OVERVIEW . . . . . . . . . . . . . . 25
13.0
Usage Scenarios . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
13.1
SCENARIO 1: POINT-TO-POINT
CONNECTION
29
13.2
SCENARIO 2: AUTOMATIC POINT-TO-POINT
CONNECTION
30
13.3
SCENARIO 3: POINT-TO-MULTIPOINT CONNEC-
TION
31
14.0
Application Information . . . . . . . . . . . . . . . . . . . . . . . 32
14.1
MATCHING NETWORK . . . . . . . . . . . . . . . . . . . 32
14.2
FILTERED POWER SUPPLY . . . . . . . . . . . . . . . 32
14.3
HOST INTERFACE . . . . . . . . . . . . . . . . . . . . . . 32
14.4
CLOCK INPUT . . . . . . . . . . . . . . . . . . . . . . . . . . 32
14.5
SCHEMATIC AND LAYOUT EXAMPLES . . . . . 32
15.0
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
16.0
Datasheet Revision History . . . . . . . . . . . . . . . . . . . . 38
17.0
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com