Electronic Components Datasheet Search
  English  ▼

X  

LMX9820 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820
Description  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 32Page - National Semiconductor (TI) LMX9820 Datasheet HTML 33Page - National Semiconductor (TI) LMX9820 Datasheet HTML 34Page - National Semiconductor (TI) LMX9820 Datasheet HTML 35Page - National Semiconductor (TI) LMX9820 Datasheet HTML 36Page - National Semiconductor (TI) LMX9820 Datasheet HTML 37Page - National Semiconductor (TI) LMX9820 Datasheet HTML 38Page - National Semiconductor (TI) LMX9820 Datasheet HTML 39Page - National Semiconductor (TI) LMX9820 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Revision 1.0
39
www.national.com
16.0 Datasheet Revision History (Continued)
Table 42. Edits to Current Revision
Section
Revisions / Comments
General
Description
• Section "General Description" on page 1 updated
– Text Description updated
– Features Updated
– Physical dimension changed to (10.1mm x 14.0mm x 1.9mm)
Pad Description
• Table 2 "System Interface Signals" on page 5 updated
– changed information on 32_CLK pins
Electrical
Specifications
• Table “USB Transceiver” removed
• Table 10 "Recommended Operating Conditions" on page 8 updated
– USB_VCC Footnote added
• Table 11 "Power Supply Electrical Specifications: Analog and Digital LDOs" on page 8 added
• Table 12 "Power Supply Requirements,," on page 9 updated
• Table 13 "Digital DC Characteristics" on page 9 updated
• Table 14 "Receiver Performance Characteristics" on page 10 updated
• Table 15 "Transmitter Performance Characteristics" on page 11 updated
• Figure 9 "Transceiver Return Loss" on page 14 added
Functional
Description
• Section 7.1.4 "Application with command interface" on page 14 updated
• Section 7.2 "Memory" on page 14 updated
• Section 7.4.3 "Interface Select Inputs (ISEL1, ISEL2)" on page 15 updated
• Section 7.4.4 "Module and LInk Status Outputs" on page 15 updated
• Table 20 "Module / Link Status Definitions" on page 15 updated
Digital Smart
Radio
• Section 8.7 "Receive Signal Strength Indicator (RSSI)" on page 16 updated
• Section 8.11 "FRequency Synthesizers" on page 16 updated
• Section 8.13 "External Crystal Oscillators" on page 16 updated
System Power
Up Sequence
• New in this revision
Integrated
Firmware
• Section 10.1 "Features" on page 21 updated
• Table 25 "Operation Parameters Stored in LMX9820" on page 22 updated
Low Power
Modes
• New in this revision
Command
Interface
• Table 34 "Wake Up Functionality" on page 26 added
• Table 36 "Local Bluetooth Settings" on page 26 updated
• Table 38 "Local Hardware Commands" on page 28 updated
Application|
Information
• Section 14.1 "MATCHING NETWORK" on page 32 updated
• Section 14.2 "FILTERED POWER SUPPLY" on page 32 updated
• Section 14.3 "HOST INTERFACE" on page 32 updated
• Figure 21 "Example System Schematic with pre-selected 115.2kbit/s UART speed" on page 32
updated
Soldering
• Figure 26 "Typical Reflow Profiles" on page 37 updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com