Electronic Components Datasheet Search
  English  ▼

X  

LMX9820 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820
Description  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 4Page - National Semiconductor (TI) LMX9820 Datasheet HTML 5Page - National Semiconductor (TI) LMX9820 Datasheet HTML 6Page - National Semiconductor (TI) LMX9820 Datasheet HTML 7Page - National Semiconductor (TI) LMX9820 Datasheet HTML 8Page - National Semiconductor (TI) LMX9820 Datasheet HTML 9Page - National Semiconductor (TI) LMX9820 Datasheet HTML 10Page - National Semiconductor (TI) LMX9820 Datasheet HTML 11Page - National Semiconductor (TI) LMX9820 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
www.national.com
8
6.0 Electrical Specifications
6.1 GENERAL SPECIFICATIONS
Absolute Maximum Ratings (see Table 9) indicate limits
beyond which damage to the device may occur. Operating
Ratings (see Table 10) indicate conditions for which the
device is intended to be functional.
This device is a high performance RF integrated circuit and
is ESD sensitive. Handling and assembly of this device
should be performed at ESD free workstations.
The following conditions are true unless otherwise stated in
the tables below:
• TA = -40°C to +85°C
• VCC = 3.3V
• RF system performance specifications are guaranteed
on National Semiconductor Austin Board rev1.0b refer-
ence design platform.
Table 9. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VCC
Core Logic Power Supply Voltage
2.25
3.6
V
IOVCC
I/O Power Supply Voltage
2.25
3.6
V
USB_VCC1
USB Power Supply Voltage
2.97
3.63
V
VI
Voltage on any pad with GND = 0V
-0.5
VCC + 0.5
V
PinRF
RF Input Power
+15
dBm
TS
Storage Temperature Range
-65
+150
oC
TL
Lead Temperature (solder 4 sec)
+260
oC
ESD-HBM
ESD - Human Body Model
2000
V
ESD-MM
ESD - Machine Model
200
V
1.
USB Interface not supported by LMX9820 firmware. Treat as no connect, place pad for mechanical stability.
Table 10. Recommended Operating Conditions1
Symbol
Parameter
Min
Typ2
Max
Unit
VCC
Module Power Supply Voltage
2.85
3.3
3.6
V
IOVCC
I/O Power Supply Voltage
2.85
3.3
3.6
V
USB_VCC3
USB Power Supply Voltage
2.97
3.3
3.63
V
tR
Module Power Supply Rise Time
50
ms
TO
Operating Temperature Range
-40
+85
°C
HUMOP
Humidity (operating, across operating
temperature range)
10
90
%
HUMNONOP Humidity (non-operating, 38.7oC web bulb
temperature)
595
%
1.
Maximum voltage difference allowed between VCC and IOVCC is 500 mV.
2.
Typical operating conditions are at 3.3V operating voltage and 25°C ambient temperature.
3.
USB Interface not supported by LMX9820 firmware. Treat as no connect, place pad for mechanical stability.
Table 11. Power Supply Electrical Specifications: Analog and Digital LDOs
Symbol
Parameter
Min
Typ1
Max
Unit
VDD_ANA_OUT
Analog Voltage Output Range2
2.20
2.54
2.75
V
VDD_DIG_OUT
Digital Voltage Output Range3
2.40
2.60
2.75
V
1.
Typical operating conditions are at 3.3V operating voltage and 25oC ambient temperature.
2.
Set in factory at 2.5V nominal output.
3.
Set in factory at 2.6V nominal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com