Electronic Components Datasheet Search
  English  ▼

X  

DS-0010 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # DS-0010
Description  Enhanced Digital Output Sensors: Industrial temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0010 Datasheet(HTML) 2 Page - All Sensors Corporation

  DS-0010 Datasheet HTML 1Page - All Sensors Corporation DS-0010 Datasheet HTML 2Page - All Sensors Corporation DS-0010 Datasheet HTML 3Page - All Sensors Corporation DS-0010 Datasheet HTML 4Page - All Sensors Corporation DS-0010 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BarometerDigitalOutputPressureSensors
Absolute Maximum Ratings
Operating Voltage
Compensated Temperature
Operating Temperature
Storage Temperature
Humidity Limits
+4.75Vdcto+5.25Vdc
-20°C to +85° C
-20 to +105° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Supply Voltage (Vcc)
Voltage on Any Pin with Respect to Gnd
LeadTemperature(soldering2-4sec.)
7Vdc
-0.6toVcc+0.6V
250°C
Nominal
--
8
8
1.0
0.025
Minimum
12
--
--
--
--
Parameter (1)
Resolution
Conversion Speed
Supply Current
Overall Accuracy (5)
Long Term Drift (one year)
Maximum
--
16
12
2.5
2.0
Units
Bit
mS
mA
mBar
mBar
General Performance Characteristics
Standard Pressure Ranges
Operating Pressure
600to1100
20to32
Proof Pressure
60 PSI
60 PSI
Burst Pressure
120 PSI
120 PSI
Part Number
BARO-DO
BARO-INHG-DO
Digital Span (4)
3
3
Units
mBar
inches Hg
Specification Notes
NOTE
1: UNLESS OTHERWISE SPECIFIED, ALL PARAMETERS ARE MEASURED AT 5.0 VOLT SUPPLY, POSITIVE PRESSURE APPLIED TO PORT B.
NOTE
2: THE DIGITAL OUTPUT IS A 16 BIT SIGNED BINARY OUTPUT IN A TWOS COMPLIMENT FORMAT. THE APPLIED PRESSURE IS COMPUTED USING THE PRESSURE
CONVERSION TABLE (BELOW). THE MODE COLUMN IDENTIFIES THE RESOLUTION OPERATING MODE OF THE DEVICE (A = STANDARD RESOLUTION, B = HIGH
RESOLUTION
). FSO AND UNITS ARE SHOWN FOR EACH MODEL.
NOTE
3: SHIFT IS WITHIN THE FIRST HOUR OF EXCITATION APPLIED TO THE DEVICE.
NOTE
4: DIGITAL SPAN IS DEPENDENT ON THE RESOLUTION OPERATING MODE. REFER TO THE DIGITAL SPAN TABLE (BELOW) TO IDENTIFY THE DIGITAL SPAN OF THE
SPECIFIC MODEL
. IN THE EVENT OF AN OVER-PRESSURE OR UNDER-PRESSURE CONDITION, THE DIGITAL OUTPUT WILL ONE COUNT HIGHER OR ONE COUNT LOWER
(RESPECTIVELY) TO THE LISTED DIGITAL SPAN TO INDICATE THE CONDITION.
NOTE
5: OVERALL ACCURACY INCLUDES THE COMBINED EFFECTS OF OFFSET AND SPAN SHIFTS OVER TEMPERATURE, LINEARITY, HYSTERESIS, AND OFFSET AND SPAN
CALIBRATION
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com