Electronic Components Datasheet Search
  English  ▼

X  

DS-0010 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # DS-0010
Description  Enhanced Digital Output Sensors: Industrial temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0010 Datasheet(HTML) 3 Page - All Sensors Corporation

  DS-0010 Datasheet HTML 1Page - All Sensors Corporation DS-0010 Datasheet HTML 2Page - All Sensors Corporation DS-0010 Datasheet HTML 3Page - All Sensors Corporation DS-0010 Datasheet HTML 4Page - All Sensors Corporation DS-0010 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All Sensors
DS-0010 Rev A
Synchronous Communications
Typical synchronous communications
configuration (compatible with All Sensors
GA142 Series Digital Output Sensors).
Typical Configurations
Asynchronous Communications
Typical asynchronous communications
configuration. The Mode pin is interrogated
at power up and if tied low, will cause the
sensor to enter asynchronous communica-
tions mode. This mode supports multiple
sensors by addressable commands. The
Convert/BR pin then serves to select one of
two available baud rates.
Host
System
Sensor
Convert/BR
Ready/Mode
Clock/SO
Data/SI
Host
System
Sensor (1)
Sensor (n)
Convert/BR
Ready/Mode
Clock/SO
Data/SI
Convert/BR
Ready/Mode
Clock/SO
Data/SI
Synchronous Timing Diagram (Note: Asynchronous mode timing is per RS-232. To use RS-232 requires the Maxim MA232
interface circuit for proper voltage level compatibility.)
t1
t3
t2
t10
t2
t9
t4
t8
t6
t7
Bit
15
MSB
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSB
t5
READY [Output]
CONVERT [Input]
CLOCK [Output]
DATA [Output]
Ref
Parameter
Min
Typ
Max
Units
t1
Conversion Time
--
8
16
msec
t2
Ready to Convert
0
--
--
usec
t3
Convert to Clock
24
32
39
usec
t4
Clock Period
--
24
--
usec
t5
Clock High Time
--
12
--
usec
Ref
Parameter
Min
Typ
Max
Units
t6
Data Setup Time
--
3
--
usec
t7
Data Hold Time
--
3
--
usec
t8
Interbyte Delay
--
70
--
usec
t9
Clock to Ready
--
14
--
usec
t10
Data Transmission
--
476
--
usec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com