Electronic Components Datasheet Search
  English  ▼

X  

DS-0010 Datasheet(PDF) 4 Page - All Sensors Corporation

Part # DS-0010
Description  Enhanced Digital Output Sensors: Industrial temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0010 Datasheet(HTML) 4 Page - All Sensors Corporation

  DS-0010 Datasheet HTML 1Page - All Sensors Corporation DS-0010 Datasheet HTML 2Page - All Sensors Corporation DS-0010 Datasheet HTML 3Page - All Sensors Corporation DS-0010 Datasheet HTML 4Page - All Sensors Corporation DS-0010 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BarometerDigitalOutputPressureSensors
Command Summary Table:
Command
Description
Response
RA<cr>
Read Accuracy String
RA=[Accuracy String]<cr>
RC<cr>
Read Captured Pressure
RC=[hhhh]<sp>[eeee]<cr>
RH<cr>
Read High Resolution Pressure
RH=[hhhh]<sp>[eeee]<cr>
RL<cr>
Read Low Resolution Pressure
RL[llll]<sp>[eeee]<cr>
RM<cr>
Read Model
RM=[Model String]<cr>
RR<cr>
Read Pressure Range
RR=[pressure Range String]<cr>
RS<cr>
Read Serial Number
RS=[S/N String]<cr>
RT<cr>
Read Temperature
RT=[Temperature Range String]<cr>
U[S/N String][Command]<cr>
UniqueCommand
For Matching S/N
U[S/N String],sp>[Response String]
For Non-matching S/N {null}
WC<cr>
Capture Pressure
{null}
Notations:
<> indicates a single ascii character
[] indicates an ascii string
{} text within the braces describes the response (this is essentially a comment)
“” text within quotes represents a literal ascii text string
Definitions:
Term
Name
Description
<cr>
Carriage Return
ascii Carrage Return. This is a command/response delimiter
<sp>
Space
ascii Space Character
[Accuracy String]
Accuracy String
Part accuracy string. Given in % full scale output.
Example: 0.250%FSO
Notes:
1.) There is a space between the numeric accuracy “0.250”
and units “%FSO.”
2.) FSO stands for Full Scale Output (full scale output is
determined by the Pressure Range String.)
[hhhh]
High Resolution Output
This is a four character ascii string representing a
hexidecimal value.
Example: 3F7C
Represents an output count of 16,252
Note: the output is forced to “8000” upon an error.
except error bit 8, see error bit codes.
[llll]
Low Resolution Output
This is a four character ascii string representing a
hexidecimal value.
Example: 1D58
Represents an output count of 7,512
Note: the output is forced to “8000” upon an error.
except error bit 8, see error bit codes.
[Model String]
Model String
Part Model as given in the data sheet (also order number.)
The general model syntax is
[Full Scale Pressure]<sp>[Pressure Units]-[Pressure Model]-DO
Example: 100PSI-D-DO
Where:
Full Scale Pressure=100
Pressure Units=PSI (inH2O, mbar or mmHg available)
DO represents Digital Output
Notes:
1.) Exception to this syntax is the Barometer.
2.) Custom models may be different.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com