Electronic Components Datasheet Search
  English  ▼

X  

DS-0010 Datasheet(PDF) 1 Page - All Sensors Corporation

Part # DS-0010
Description  Enhanced Digital Output Sensors: Industrial temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0010 Datasheet(HTML) 1 Page - All Sensors Corporation

  DS-0010 Datasheet HTML 1Page - All Sensors Corporation DS-0010 Datasheet HTML 2Page - All Sensors Corporation DS-0010 Datasheet HTML 3Page - All Sensors Corporation DS-0010 Datasheet HTML 4Page - All Sensors Corporation DS-0010 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All Sensors
DS-0010 Rev A
Enhanced Digital Output Sensors: Industrial temperature range
DIGITALOUTPUTBAROMETERSENSORS
• Medical Instrumentation
• Environmental Controls
• Meteorology
Applications
• All Combined Errors Over Temperature Less Than 0.1%, Typical
• Wide -20 to 85°C Compensated Temperature Range
• Electrically Compatible to All Sensors GA142 Series
• Enhanced Dual Serial Interface Mode
Features
The Digital Output pressure sensors are based upon a proprietary surface mapping technology to produce a fully digital
output that virtually eliminates all repeatable errors over temperature and pressure. This series provides a 12 bit digital
serial output (14 bit in High Resolution Mode) with superior offset, span and linearity characteristics. The output is SPI and
MICROWIRE/PLUS® compatible as well as fully compatible with the All Sensors GA142 Series sensors.
In addition to synchronous communications, the Digital Output pressure sensors incorporates a bi-directional, TTL level,
asynchronous serial interfaces mode (hardware selectable 9,600 or 19,200 baud). This mode includes a command set that
allows the host to interrogate the sensor for model information, pressure range, serial number, pressure units and
conversion factor. The command set also allows the host to select a high resolution output mode, make minor adjustments
to offset and has an addressable feature that alows multiple sensors to be tied to the same interface buss.
This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. All signals
are 5V TTL/CMOS compatible.
General Description
Physical Dimensions
Pin Label
Description
1
Vcc
+5V power supply input
2
Data/SI
Data output for synchronous
mode. Serial in for asynchro-
nous mode.
3
Clock/SO
Clock output for synchronous
mode. Serial out for asynchro-
nous mode.
4
Ready/Mode Ready output for synchronous
mode. Selects asynchronous
mode when held low during
reset.
5
Convert/BR
Convert input for synchronous
mode. Selects one of two
baud rates for asynchronous
mode (low=9,600,
high=19,200).
6
Ground
Ground for power and signals
Pin Descriptions
0.80
(20.3)
0.85
(21.6)
1.10
(27.9)
0.10
Typical
(2.54)
A
B
1
Pin 1 2 34 56
0.66
(16.0)
0.21
(5.3)
0.42
(10.5)
0.48
(12.2)
0.55
(14.0)
0.174 to 0.190
(4.4 to 4.8)
1.08
(27.4)
0.25
(6.4)
Pin Size
0.010 x 0.020
(0.25 x 0.50)
NOTES:
1) Dimensions in inches (millimeters)
Pressure Applied to Port B


Similar Part No. - DS-0010

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DS-001 ADAM-TECH-DS-001 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
Enhanced Digital Output Sensors: Extended temperature range
DS-0011 Rev A
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
Enhanced Digital Output Sensors
More results

Similar Description - DS-0010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
Industrial temperature range operation
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
Industrial Temperature Range
logo
ON Semiconductor
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
Digital Output Temperature Sensor
August, 2016 ??Rev. 0
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
Digital Output Temperature Sensor
May, 2011 ??Rev. 5
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
DIGITAL OUTPUT PRESSURE SENSORS
Rev A
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
Enhanced Digital Output Sensors: Extended temperature range
DS-0011 Rev A
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
Enhanced Digital Output Sensors
logo
Maxim Integrated Produc...
MAX14906 MAXIM-MAX14906_V01 Datasheet
786Kb / 55P
Quad-Channel Industrial Digital Output/Digital Input
2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com