Electronic Components Datasheet Search
  English  ▼

X  

DS-0010 Datasheet(PDF) 5 Page - All Sensors Corporation

Part # DS-0010
Description  Enhanced Digital Output Sensors: Industrial temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0010 Datasheet(HTML) 5 Page - All Sensors Corporation

  DS-0010 Datasheet HTML 1Page - All Sensors Corporation DS-0010 Datasheet HTML 2Page - All Sensors Corporation DS-0010 Datasheet HTML 3Page - All Sensors Corporation DS-0010 Datasheet HTML 4Page - All Sensors Corporation DS-0010 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
All Sensors
DS-0010 Rev A
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit
described herein, neither does it convey any license under its patent rights nor the rights of others.
® MICROWIRE/PLUS IS A REGISTERED TRADEMARK OF NATIONAL SEMICONDUCTOR.
Definitions:
Term
Name
Description
[Pressure Range String]
Pressure Range String
This is the compensated pressure range of the part.
Syntax: [low limit]<sp>”to”<sp>[high limit]<sp>[units}[mode]
Esample: 20 to 32 mmHgA
Where:
Low limit = 20
High limit = 32
Units = mmHg
Mode = A (absolute pressure) (D differential and G gage
pressure also available.)
[Response String]
A Fully Formed Response String
Example:“RL=1E43<sp>0000<cr>
[S/N String]
Serial Number String
YMDD-NN-BSPP (12 character String)
Where:
Y : Year (0~9)
M : Month (A~M, excluding I)
DD: Day of Month
NN: Lot (lot sequence for a given day)
B : Lot Batch# (A~Z)
S : Test Oven Slot# (1~5)
P : Position on Slot (1~15)
Example: 3D23-03-A103
April23,2003
3rd lot of the day
Batch A, Slot 1, Position 03
This allows traceability to original test data
[Temperature Range String]
Temperature Range String
This is the compensated temperature range of the part.
Syntax: [low limit]<sp>[high limit]<sp>”C”
Example: -20 to 85 C
-40 to 125 C and custom ranges also available.
[eeee]
Error Codes
The error codes are bits packed within a double byte.
The four character string is an ascii hex expression.
The error code bits are:
Bit 0 : Part not factory compensated
Bit 1 : Tdex Overflow
Bit 2 : Tdex Over-range
Bit 3 : Pdex Overflow
Bit 4 : Pdex Over-range
Bit 5 : PWL Overflow
Bit 6 : Scale Overflow
Bit 7 : High Resolution Overflow
Bit 8 : Pressure Output Limited to Specific Value
Bits 9 through 15 : Reserved
Example:0100
Represents erro bit 8 set and the Pressure Output Limited
Notes:
Bit 0 : This should not appear if the part has been calibrated
Bits 1 thru 7 : indicate computational error when compensated
Bit 8: indicates that the pressure applied to the part exceeds the
range of the part and is limit to either the high or low limit
{null}
Null Response
No response from the part. In the event of a serial number
mismatch the part will not respond (to avoid buss contention.)
Month Codes
January
: A
February : B
March
:C
April
:D
May
: E
June
: F
July
:G
August
:H
September : J
October
: K
November : L
December : M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com