Electronic Components Datasheet Search
  English  ▼

X  

HMC701LP6CE Datasheet(PDF) 34 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 34 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices HMC701LP6CE Datasheet HTML 35Page - Analog Devices HMC701LP6CE Datasheet HTML 36Page - Analog Devices HMC701LP6CE Datasheet HTML 37Page - Analog Devices HMC701LP6CE Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
34
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 31. Reg 15h CW Sweep Ramp Step Register
the maximum sweep range is limited to 255 x Fxtal/r. Delta-Sigma Modulator mode should be Feed
Forward when using Sweep feature (register 12h Bits [9:8] = 11.
Bit
Type
Name
Default
Description
23:0
r/W
ramp_step
800h
ramp Step size
Table 32. Reg 16h CW Sweep Ramp Step Number Register
the maximum sweep range is limited to 255 x Fxtal/r. Delta-Sigma Modulator mode should be Feed
Forward when using Sweep feature (register 12h Bits [9:8] = 11.
Bit
Type
Name
Default
Description
23:0
r/W
ramp_steps_number
800h
ramp number of steps in ramp
Table 33. Reg 17h CW Sweep Dwell Time Register
Bit
Type
Name
Default
Description
23:0
r/W
ramp_dwell_time
800h
ramp number of cycles to hold at top/bottom
in repeat mode
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com