Electronic Components Datasheet Search
  English  ▼

X  

HMC701LP6CE Datasheet(PDF) 26 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 22Page - Analog Devices HMC701LP6CE Datasheet HTML 23Page - Analog Devices HMC701LP6CE Datasheet HTML 24Page - Analog Devices HMC701LP6CE Datasheet HTML 25Page - Analog Devices HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
26
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
High impedance always:
reg2h[1:0] = 10
reg1ah[13:12] = xx (x=don’t care)
Figure 18 LD/SDo output control
Serial Port WRITE Operation
aVDD = DVDD = 3V ±10%, aGnD = DGnD = 0V
Table 4. Timing Characteristics
Parameter
Conditions
Min.
Typ.
Max
Units
t1
SEn to ScLK setup time
8
nsec
t2
SDi to ScLK setup time
10
nsec
t3
SDi to cLK hold time
10
nsec
t4
ScLK high duration
8
nsec
t5
ScLK low duration
8
nsec
t6
SEn High duration
640
nsec
t7
SEn low duration
20
nsec
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com