Electronic Components Datasheet Search
  English  ▼

X  

HMC701LP6CE Datasheet(PDF) 28 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 28 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 24Page - Analog Devices HMC701LP6CE Datasheet HTML 25Page - Analog Devices HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
28
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
a typical rEaD cycle is shown in Figure 20.
a. the Master (host) asserts both SEn (Serial Port Enable) and SDi to indicate a rEaD
cycle, followed by a rising edge ScLK
b. the slave (synthesizer) reads SDi on the 1st rising edge of ScLK after SEn. SDi high initiates
the rEaD cycle (rD)
c. Host places the six address bits on the next six falling edges of ScLK, MSB first.
d. Slave registers the address bits on the next six rising edges of ScLK (2-7).
e. Slave places the 24 data bits on the next 24 rising edges of ScK (8-31), MSB first .
f. Host registers the data bits on the next 24 falling edges of ScK (8-31).
g. SEn is de-asserted on or after the 32nd falling edge of ScLK.
h. the 32nd falling edge of ScLK completes the cycle
Figure 20. Serial Port Timing Diagram - READ
REGISTER MAP
Reg 00h Chip ID (Read Only) Register
Bit
Type
Name
Width
Default
Description
[23:0]
ro
chip iD
24
581502h
chip iD
Table 11. Reg 00h Strobe (Write Only) Register
Bit
Type
Name
Width
Default
Description
0
Str
global_swrst_regs
1
0
Strobe to soft reset the SPi registers
1
Str
global_swrst_dig
1
0
Strobe to soft reset the rest of digital
2
Str
mcnt_resynch
1
0
reserved
3
Str
tsens_spi_strobe
1
0
Strobe to clock the temp measurement on
demand
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com