Electronic Components Datasheet Search
  English  ▼

X  

HMC703LP4E Datasheet(PDF) 35 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 35 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 31Page - Analog Devices HMC703LP4E Datasheet HTML 32Page - Analog Devices HMC703LP4E Datasheet HTML 33Page - Analog Devices HMC703LP4E Datasheet HTML 34Page - Analog Devices HMC703LP4E Datasheet HTML 35Page - Analog Devices HMC703LP4E Datasheet HTML 36Page - Analog Devices HMC703LP4E Datasheet HTML 37Page - Analog Devices HMC703LP4E Datasheet HTML 38Page - Analog Devices HMC703LP4E Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
6 - 35
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
PD Polarity
Reg 0Bh[4]=0 sets the PD polarity for use with a passive loop filter together with a VCO with a positive tuning slope
(increasing tuning voltage increases VCO frequency).
Reg 0Bh[4]=1 inverts the PD polarity. This is most often used if an inverting op-amp is used in an active loop filter
together with a VCO with a positive tuning slope.
charge Pump tri-state
Reg 0Bh[5]=Reg 0Bh[6]=0 tri-states the charge pump. This effectively freezes charge on the loop filter and allows the
VCO to run open loop, provided that CP offset is also disabled.
charge Pump Gain
Reg 09h[6:0] and Reg 09h[13:7] program current gain settings for the charge pump. Pump ranges can be set from 0 µA
to 2.54 mA in 20uA steps. Charge pump gain affects the loop bandwidth. The product of VCO gain (Kvco) and charge
pump gain (Kcp) can be held constant for VCO’s that have a wide ranging Kvco by adjusting the charge pump gain. This
compensation helps to keep the loop bandwidth constant.
In addition to the normal CP current as described above, there is also an extra output source of current that offers
improved noise performance. HiKcp provides an output current that is proportional to the loop filter voltage. This being
the case, HiKcp should only be operated with active op-amp loop filters that define the voltage as seen by the charge
pump pin. With 2.5 V as observed at the charge pump pin, the HiKcp current is 3.5 mA.
There are several configurations that could be used with the HiKcp feature. For lowest noise, HiKcp could be used
without the normal charge pump current (the charge pump current would be set to 0). In this case, the loop filter would
be designed with 3.5 mA as the effective charge pump current.
Another possible configuration is to operate with both the HiKcp and normal charge pump current sources. In this case
the effective charge pump current would be 3.5mA + programmed normal charge pump current which could offer a
maximum of 6 mA.
With passive loop filters the voltage seen by the charge pump pin will vary which would cause the HiKcp current to vary
widely. As such, HiKcp should not be used on passive loop filter implementations.
A simplified diagram of the charge pump is shown in Figure 39. The current gain of the pump in Amps/radian is equal
to the gain setting of this register divided by 2π.
charge Pump offset
Reg 09h[20:14] controls the charge pump current offsets. Reg 09h[21] and Reg 09h[22] enable the UP and DN offset
currents respectively. Normally, only one is used at a time. As mentioned earlier charge pump offsets affect fractional
mode linearity . Offset polarity should be chosen such that the divided VCO lags the reference signal. This means
down for non-inverting loop filters.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com