Electronic Components Datasheet Search
  English  ▼

X  

HMC703LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC703LP4E Datasheet HTML 1Page - Analog Devices HMC703LP4E Datasheet HTML 2Page - Analog Devices HMC703LP4E Datasheet HTML 3Page - Analog Devices HMC703LP4E Datasheet HTML 4Page - Analog Devices HMC703LP4E Datasheet HTML 5Page - Analog Devices HMC703LP4E Datasheet HTML 6Page - Analog Devices HMC703LP4E Datasheet HTML 7Page - Analog Devices HMC703LP4E Datasheet HTML 8Page - Analog Devices HMC703LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
6 - 2
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
table 1. electrical specifications
Unless otherwise specified, data is collected at 3.3 V, and 5.0 V (on charge-pump), 100 MHz reference, 50 MHz fPD.
Min and Max are specified across temperature range from -40 °C to 85 °C ambient.
Parameter
Conditions
Min.
Typ.
Max.
Units
RF INPUT CHARACTERIsTICs
[6][7]
RF Input Frequency Range
[1]
DC
8000
MHz
Prescaler Input Freq Range
[1]
DC
4000
MHz
Power Range
[13]
-15
-10
-3
dBm
Return Loss
[15]
-18
-12
-7
dB
REF INPUT CHARACTERIsTICs
Frequency Range (3.3V)
[1][8]
DC
50
350
MHz
Power from 50 Ω source
[12] with 100 Ω termination
off chip
6
dBm
Return Loss
[15]
-16
-8
dB
Ref Divider Range (14 bit)
1
16,383
PHAsE DETECTOR RATE
[1]
Integer Mode
DC
50
115
MHz
Fractional Mode B
DC
50
100
MHz
Fractional Mode A
DC
50
80
MHz
CHARGE PUMP
CP Output Current
20 µA steps, Charge Pump
Gain = CP Current/2π
Amps/rad
0.02
2.5
mA
CP HiK
see “Charge Pump Gain”
section
3.5
6
mA
POWER sUPPLIEs
RVDD, AVDD, VCCPs, VCCHF, VCCPD,
DVDD, VDDIO
2.7
3.3
3.5
V
VDDLs, VPPCP Charge Pump
VDDLs, VPPCP must be
equal
2.7
5.0
5.2
V
3.3V - Current consumption
[9]
100 kHz PD
50 MHz PD
100 MHz PD
34
54
74
45
70
95
mA
mA
mA
5V - Current consumption
All Modes
100 kHz PD
50 MHz PD w/ CP HiK
100 MHz PD w/ CP HiK
3
7
13
5
12
16
mA
mA
mA
Power Down Current
[10]
100
uA
BIAs Reference Voltage
Pin 12. Measured with
10 GΩ Meter
1.880
1.920
1.960
V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com