Electronic Components Datasheet Search
  English  ▼

X  

HMC703LP4E Datasheet(PDF) 49 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 49 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 45Page - Analog Devices HMC703LP4E Datasheet HTML 46Page - Analog Devices HMC703LP4E Datasheet HTML 47Page - Analog Devices HMC703LP4E Datasheet HTML 48Page - Analog Devices HMC703LP4E Datasheet HTML 49Page - Analog Devices HMC703LP4E Datasheet HTML 50Page - Analog Devices HMC703LP4E Datasheet HTML 51Page - Analog Devices HMC703LP4E Datasheet HTML 52Page - Analog Devices HMC703LP4E Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
6 - 49
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
table 22. reg 09h charge Pump register
BIT
TYPE
NAME
W
DEFLT
DEsCRIPTION
[6:0]
R/W
CPIdn
7
100
Main sink Current (20uA steps)
[13:7]
R/W
CPIup
7
100
Main source Current (20uA steps)
[20:14]
R/W
CPOffset
7
0
Offset current (5uA steps) - see "Charge-Pump Phase offset" for
more information.
[21]
R/W
CPsrcEn
1
0
Offset current polarity (source Offset current)
Recommended 0 in integer mode , PFDInv in FRAC modes.
[22]
R/W
CPsnkEn
1
1
Offset current polarity (sink Offset current)
Recommended 0 in integer mode ,NOT PFDInv in FRAC modes.
[23]
R/W
CPHiK
1
0
Hi Gain Mode (~4mA CP I boost depending on Vcp) - Use only
with active loop filter configurations, where Vcp is controlled to
offer better phase-noise.
table 23. reg 0ah Modulation step register
BIT
TYPE
NAME
W
DEFLT
DEsCRIPTION
[23:0]
R/W
MODsTEP
24
0
Fractional Modulation step size for Ramp/Phase Modulation modes
(Ignored in Integer, Normal Fractional, FM, or Exact Freq modes)
This value is signed two’s complement. Positive values ramps up,
negative values ramp down.
table 24. reg 0Bh PD register
BIT
TYPE
NAME
W
DEFLT
DEsCRIPTION
[2:0]
R/W
PFDDly
3
1
Dead-zone avoidance delay (0~1 ns, 3~3 ns. > 3 is unused)
[3]
R/W
PFDshort
1
0
Tie both PD inputs to Ref or Div based on phase select.
[4]
R/W
PFDInv
1
0
swap PD inputs for use in inverting loop configurations.
0- Use with a positive tuning slope VCO and passive loop filter
(default)
1- Use with a negative tuning slope, or with an inverting active loop
filter with a positive tuning slope VCO
[5]
R/W
PFDUpEn
1
1
0 will disable up pulses from propagating to the CP
[6]
R/W
PFDDnEN
1
1
0 will disable dn pulses from propagating to the CP
[7]
R/W
PFDForceUp
1
0
1 will force to the top rail.
[8]
R/W
PFDForceDn
1
0
1 will force to the bottom rail.
[9]
R/W
PFDForceMid
1
0
1 will force to mid-rail
[12:10]
R/W
PsBiassel
3
0
Ps Bias Current
[14:13]
R/W
OpAmpBiassel
2
3
OpAmp Bias Current
[16:15]
R/W
McntClkGatesel
2
3
If the quantized divide ratio is guaranteed to be within a certain
range, this feature can be enabled to reduce toggle activity and
power consumption slightly. (0: 16 to 31, 1: 16 to 127, 2: 16 to 1023,
3: 16 to max)
[17]
R/W
VDIVExt
1
0
Extend VCO Divider Output Pulse width
[18]
R/W
LKDProcTesttoCP
1
0
Muxes the lock-detect oscillator to the CP force up/dn for observa-
tion.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com