Electronic Components Datasheet Search
  English  ▼

X  

HMC703LP4E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 12Page - Analog Devices HMC703LP4E Datasheet HTML 13Page - Analog Devices HMC703LP4E Datasheet HTML 14Page - Analog Devices HMC703LP4E Datasheet HTML 15Page - Analog Devices HMC703LP4E Datasheet HTML 16Page - Analog Devices HMC703LP4E Datasheet HTML 17Page - Analog Devices HMC703LP4E Datasheet HTML 18Page - Analog Devices HMC703LP4E Datasheet HTML 19Page - Analog Devices HMC703LP4E Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
6 - 16
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
The Figures of Merit are essentially normalized noise parameters for both the PLL and VCO that can allow quick esti-
mates of the performance levels of the PLL at the required VCO, offset and phase detector frequency. Normally, the PLL
IC noise dominates inside the closed loop bandwidth of the synthesizer, and the VCO dominates outside the loop band-
width at offsets far from the carrier. Hence a quick estimate of the closed loop performance of the PLL can be made by
setting the loop bandwidth equal to the frequency where the PLL and free running phase noise are equal.
The Figure of Merit is also useful in estimating the noise parameters to be entered into a closed loop design tool such as
Hittite PLL Design, which can give a much more accurate estimate of the closed loop phase noise and PLL loop filter
component values.
Given an optimum loop design, the approximate closed loop performance is simply given by the minimum of the PLL
and VCO noise contributions.
( )
2
22
min
,
p
n
�=
� �
An example of the use of the FOM values to make a quick estimate of PLL performance: Estimate the phase noise of an
8 GHz closed loop PLL with a 100 MHz reference operating in Fractional Mode B with the VCO operating at 8 GHz and
the VCO divide by 2 port driving the PLL at 4 GHz. Assume an HMC509 VCO has free running phase noise in the 1/f2
region at 1 MHz offset of -135 dBc/Hz and phase noise in the 1/f3 region at 1 kHz offset of -60 dBc/Hz.
Fv1_dB =
-135
Free Running VCO PN at 1MHz offset
+20*log10(1e6)
PNoise normalized to 1Hz offset
-20*log10(8e9)
Pnoise normalized to 1Hz carrier
= -213.1 dBc/Hz at 1Hz
VCO FOM
Fv3_dB =
-60
Free Running VCO PN at 1kHz offset
+30*log10(1e3)
PNoise normalized to 1Hz offset
-20*log10(8e9)
Pnoise normalized to 1Hz carrier
= -168 dBc/Hz at 1Hz
VCO Flicker FOM
We can see from Figure 3 and Figure 4 respectively that the PLL FOM floor and FOM flicker parameters in fractional
Mode A:
Fpo_dB = -227 dBc/Hz at 1Hz
Fp1_dB = -266 dBc/Hz at 1Hz
Each of the Figure of Merit equations result in straight lines on a log-frequency plot. We can see in the example below
the resulting
PLL floor at 8 GHz = Fpo_dB +20log10(fvco) -10log10(fpd) = -227+198 -80 = -109 dBc/Hz
PLL Flicker at 1 kHz = Fp1_dB+20log10(fvco)-10log10(fm) = -266 +198-30 = -98 dBc/Hz
VCO at 1 MHz = Fv1_dB+20log10(fvco)-20log10(fm)= -213 +198-120
= -135 dBc/Hz
VCO flicker at 1 kHz = Fv3_dB+20log10(fvco)-30log10(fm)= -168 +198-90 = -60 dBc/Hz
These four values help to visualize the main contributors to phase noise in the closed loop PLL. Each falls on a linear
line on the log-frequency phase noise plot shown in Figure 27.
(eQ 2)
( )
2
2
0
2
20
3
0
23
, m
mm
Ff
Ff
ff
ff
�
=+
n
n
n
VCO Phase Noise
Contribution
(eQ 3)
Pll-Vco noise
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com