Electronic Components Datasheet Search
  English  ▼

X  

MB39C015 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 3Page - Cypress Semiconductor MB39C015 Datasheet HTML 4Page - Cypress Semiconductor MB39C015 Datasheet HTML 5Page - Cypress Semiconductor MB39C015 Datasheet HTML 6Page - Cypress Semiconductor MB39C015 Datasheet HTML 7Page - Cypress Semiconductor MB39C015 Datasheet HTML 8Page - Cypress Semiconductor MB39C015 Datasheet HTML 9Page - Cypress Semiconductor MB39C015 Datasheet HTML 10Page - Cypress Semiconductor MB39C015 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 7 of 43
■ Current mode
❐ Original voltage mode type :
Stabilize the output voltage by comparing two items below and on-duty control.
• Voltage (VC) obtained through negative feedback of the output voltage by Error Amp
• Reference triangular wave (VTRI)
❐ Current mode type :
Instead of the triangular wave (VTRI), the voltage (VIDET) obtained through I-V conversion of the sum of currents that flow in the
oscillator (rectangular wave generation circuit) and SW FET is used.
Stabilize the output voltage by comparing two items below and on-duty control.
• Voltage (VC) obtained through negative feedback of the output voltage by Error Amp
• Voltage (VIDET) obtained through I-V conversion of the sum of current that flow in the oscillator (rectangular wave generation
circuit) and SW FET
VIN
ton
toff
VTRI
Vc
Vc
VTRI
VIN
toff
Vc
Vc
VIDET
S
R
ton
SR-FF
VIDET
Q
−
+
−
+
Voltage mode type model
Current mode type model
Oscillator
Note : The above models illustrate the general operation and an actual operation will be preferred in the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com