Electronic Components Datasheet Search
  English  ▼

X  

MB39C015 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 28Page - Cypress Semiconductor MB39C015 Datasheet HTML 29Page - Cypress Semiconductor MB39C015 Datasheet HTML 30Page - Cypress Semiconductor MB39C015 Datasheet HTML 31Page - Cypress Semiconductor MB39C015 Datasheet HTML 32Page - Cypress Semiconductor MB39C015 Datasheet HTML 33Page - Cypress Semiconductor MB39C015 Datasheet HTML 34Page - Cypress Semiconductor MB39C015 Datasheet HTML 35Page - Cypress Semiconductor MB39C015 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 32 of 43
13. Usage Precautions
1. Do not configure the IC over the maximum ratings
If the lC is used over the maximum ratings, the LSl may be permanently damaged.It is preferable for the device to normally operate
within the recommended usage conditions. Usage outside of these conditions adversely affect the reliability of the LSI.
2. Use the devices within recommended operating conditions
The recommended operating conditions are the conditions under which the LSl is guaranteed to operate.The electrical ratings are
guaranteed when the device is used within the recommended operating conditions and under the conditions stated for each item.
3. Printed circuit board ground lines should be set up with consideration for common impedance
4. Take appropriate static electricity measures
• Containers for semiconductor materials should have anti-static protection or be made of conductive material.
• After mounting, printed circuit boards should be stored and shipped in conductive bags or containers.
• Work platforms, tools, and instruments should be properly grounded.
• Working personnel should be grounded with resistance of 250 kΩ to 1 MΩ between body and ground.
5. Do not apply negative voltages
The use of negative voltages below
0.3 V may create parasitic transistors on LSI lines, which can cause abnormal operation.
14. Ordering Information
Part number
Package
Remarks
MB39C015WQN
24-pin plastic QFN
(LCC-24P-M10)
Exposed PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com