Electronic Components Datasheet Search
  English  ▼

X  

MB39C015 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C015 Datasheet HTML 1Page - Cypress Semiconductor MB39C015 Datasheet HTML 2Page - Cypress Semiconductor MB39C015 Datasheet HTML 3Page - Cypress Semiconductor MB39C015 Datasheet HTML 4Page - Cypress Semiconductor MB39C015 Datasheet HTML 5Page - Cypress Semiconductor MB39C015 Datasheet HTML 6Page - Cypress Semiconductor MB39C015 Datasheet HTML 7Page - Cypress Semiconductor MB39C015 Datasheet HTML 8Page - Cypress Semiconductor MB39C015 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
MB39C015
2ch DC/DC Converter IC Datasheet
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08364 Rev. *A
Revised March 1, 2016
The MB39C015 is a current mode type 2-channel DC/DC converter IC built-in voltage detection, synchronous rectifier, and down
conversion support. The device is integrated with a switching FET, oscillator, error amplifier, PWM control circuit, reference voltage
source, and voltage detection circuit.
External inductor and decoupling capacitor are needed only for the external component.
As combining with external parts enables a DC/DC converter with a compact and high load response characteristic, this is suitable
as the built-in power supply for such as mobile phone/PDA, DVDs, and HDDs.
Features
■ High efficiency
: 96% (Max)
■ Output current (DC/DC)
: 800 mA/ch (Max)
■ Input voltage range
: 2.5 V to 5.5 V
■ Operating frequency
: 2.0 MHz (Typ)
■ No flyback diode needed
■ Low dropout operation
: For 100% on duty
■ Built-in high-precision reference voltage generator : 1.30 V
2%
■ Consumption current in shutdown mode
: 1
A or less
■ Built-in switching FET
: P-ch MOS 0.3 Ω (Typ) N-ch MOS 0.2 Ω (Typ)
■ High speed for input and load transient response in the current mode
■ Over temperature protection
■ Packaged in a compact package
: QFN-24
Applications
■ Flash ROMs
■ MP3 players
■ Electronic dictionary devices
■ Surveillance cameras
■ Portable GPS navigators
■ DVD drives
■ IP phones
■ Network hubs
■ Mobile phones etc.


Similar Part No. - MB39C015

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011APFT CYPRESS-MB39C011APFT Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results

Similar Description - MB39C015

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1762 MAXIM-MAX1762 Datasheet
659Kb / 20P
High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks
Rev 1; 10/05
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
High efficiency (96% Typical)
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
High efficiency, 96% at full rated load current
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
Efficiency Up To 96%, No Heatsinks Required
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
high efficiency at max output power
logo
Monolithic Power System...
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
High Efficiency, typ. 96% efficiency at half load
logo
Toshiba Semiconductor
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com