Electronic Components Datasheet Search
  English  ▼

X  

MB39C015 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 16Page - Cypress Semiconductor MB39C015 Datasheet HTML 17Page - Cypress Semiconductor MB39C015 Datasheet HTML 18Page - Cypress Semiconductor MB39C015 Datasheet HTML 19Page - Cypress Semiconductor MB39C015 Datasheet HTML 20Page - Cypress Semiconductor MB39C015 Datasheet HTML 21Page - Cypress Semiconductor MB39C015 Datasheet HTML 22Page - Cypress Semiconductor MB39C015 Datasheet HTML 23Page - Cypress Semiconductor MB39C015 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 20 of 43
10.7 Board layout, design example
The board layout needs to be designed to ensure the stable operation of this IC.
Follow the procedure below for designing the layout.
• Arrange the input capacitor (Cin) as close as possible to both the VDD and GND pins. Make a through hole (TH) near the pins
of this capacitor if the board has planes for power and GND.
• Large AC currents flow between this IC and the input capacitor (Cin), output capacitor (Co), and external inductor (L). Group
these components as close as possible to this IC to reduce the overall loop area occupied by this group. Also try to mount these
components on the same surface and arrange wiring without through hole wiring. Use thick, short, and straight routes to wire
the net (The layout by planes is recommended.).
• Arrange a bypass capacitor for AVDD as close as possible to both the AVDD and AGND pins. Make a through hole (TH) near
the pins of this capacitor if the board has planes for power and GND.
• The feedback wiring to the OUT should be wired from the voltage output pin closest to the output capacitor (Co). The OUT pin
is extremely sensitive and should thus be kept wired away from the LX1 and pin LX2 pin of this IC as far as possible.
• If applying voltage to the VREFIN1/VREFIN2 pins through dividing resistors, arrange the resistors so that the wiring can be kept
as short as possible. Also arrange them so that the GND pin of VREFIN1/VREFIN2 resistor is close to the IC's AGND pin.
Further, provide a GND exclusively for the control line so that the resistor can be connected via a path that does not carry current.
If installing a bypass capacitor for the VREFIN, put it close to the VREFIN pin.
• If applying voltage to the VDET pin through dividing resistors, arrange the resistors so that the wiring can be kept as short as
possible. Also arrange so that the GND pin of the VDET resistor is close to the IC's AGND pin. Further, provide a GND exclusively
for the control line so that the resistor can be connected via a path that does not carry current.
• Try to make a GND plane on the surface to which this IC will be mounted. For efficient heat dissipation when using the QFN-24
package, Cypress recommends providing a thermal via in the footprint of the thermal pad.
■ Example of arranging IC SW system parts
■ Notes for circuit design
The switching operation of this IC works by monitoring and controlling the peak current which, incidentally, serves as a form of short-
circuit protection. However, do not leave the output short-circuited for long periods of time. If the output is short-circuited where VIN <
2.9 V, the current limit value (peak current to the inductor) tends to rise. Leaving in the short-circuit state, the temperature of this IC
will continue rising and activate the thermal protection.
Once the thermal protection stops the output, the temperature of the IC will go down and operation will be restarted, after which the
output will repeat the starting and stopping.
Although this effect will not destroy the IC, the thermal exposure to the IC over prolonged hours may affect the peripherals surrounding
it.
Cin
VIN
GND
Cin
VIN
Co
Co
GND
VIN
1pin
L
L
Feedback line
Feedback line
AVDD bypass capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com