Electronic Components Datasheet Search
  English  ▼

X  

MB39C015 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 25Page - Cypress Semiconductor MB39C015 Datasheet HTML 26Page - Cypress Semiconductor MB39C015 Datasheet HTML 27Page - Cypress Semiconductor MB39C015 Datasheet HTML 28Page - Cypress Semiconductor MB39C015 Datasheet HTML 29Page - Cypress Semiconductor MB39C015 Datasheet HTML 30Page - Cypress Semiconductor MB39C015 Datasheet HTML 31Page - Cypress Semiconductor MB39C015 Datasheet HTML 32Page - Cypress Semiconductor MB39C015 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 29 of 43
12. Application Circuit Examples
■ Application Circuit Example 1
❐ An external voltage is input to the reference voltage external input (VREFIN1, VREFIN2) , and the VOUT voltage is set to 3.01 times
the VOUT setting gain.
VIN
CPU
VOUT1
DAC1
L1
2.2
μH
L2
2.2
μH
4.7
μF
C1
4.7
μF
C2
MB39C015
C3
4.7
μF
4.7
μF
CTL1
MODE1
VREFIN1
OUT1
XPOR
LX1
DVDD1
R8
1 M
Ω
R7
1 M
Ω
CTL2
MODE2
VREF
VREFIN2
VDET
CTLP
DVDD2
DGND1
DGND2
C4
0.1
μF
C5
AVDD
AGND
OUT2
LX2
DAC2
APLI2
VOUT2
VOUT
= 3.01 × VREFIN
3
8
2
23
9
22
6
7
1
24
21
18
10
13
4
5
16
17
19
20
14
15
11
12
APLI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com