Electronic Components Datasheet Search
  English  ▼

X  

MB91F465DA Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # MB91F465DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465DA Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button MB91F465DA Datasheet HTML 73Page - Cypress Semiconductor MB91F465DA Datasheet HTML 74Page - Cypress Semiconductor MB91F465DA Datasheet HTML 75Page - Cypress Semiconductor MB91F465DA Datasheet HTML 76Page - Cypress Semiconductor MB91F465DA Datasheet HTML 77Page - Cypress Semiconductor MB91F465DA Datasheet HTML 78Page - Cypress Semiconductor MB91F465DA Datasheet HTML 79Page - Cypress Semiconductor MB91F465DA Datasheet HTML 80Page - Cypress Semiconductor MB91F465DA Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 77 of 137
MB91460D Series
14.2 Clock Modulator settings
The following table shows all possible settings for the Clock Modulator in a base clock frequency range from 32MHz up to 88MHz.
The Flash access time settings need to be adjusted according to Fmax while the PLL and clockgear settings should be set according
to base clock frequency.
Clock Modulator settings, frequency range and supported supply voltage
(Continued)
Modulation Degree
(k)
Random No
(N)
CMPR
[hex]
Baseclk
[MHz]
Fmin
[MHz]
Fmax
[MHz]
Remarks
1
3
026F
88
79.5
98.5
*1
1
3
026F
84
76.1
93.8
1
3
026F
80
72.6
89.1
1
5
02AE
80
68.7
95.8
2
3
046E
80
68.7
95.8
1
3
026F
76
69.1
84.5
1
5
02AE
76
65.3
90.8
1
7
02ED
76
62
98.1
*1
2
3
046E
76
65.3
90.8
3
3
066D
76
62
98.1
*1
1
3
026F
72
65.5
79.9
1
5
02AE
72
62
85.8
1
7
02ED
72
58.8
92.7
2
3
046E
72
62
85.8
3
3
066D
72
58.8
92.7
1
3
026F
68
62
75.3
1
5
02AE
68
58.7
80.9
1
7
02ED
68
55.7
87.3
1
9
032C
68
53
95
2
3
046E
68
58.7
80.9
2
5
04AC
68
53
95
3
3
066D
68
55.7
87.3
4
3
086C
68
53
95
1
3
026F
64
58.5
70.7
1
5
02AE
64
55.3
75.9
1
7
02ED
64
52.5
82
1
9
032C
64
49.9
89.1
1
11
036B
64
47.6
97.6
*1
2
3
046E
64
55.3
75.9
2
5
04AC
64
49.9
89.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com