Electronic Components Datasheet Search
  English  ▼

X  

MB91F465DA Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB91F465DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465DA Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB91F465DA Datasheet HTML 24Page - Cypress Semiconductor MB91F465DA Datasheet HTML 25Page - Cypress Semiconductor MB91F465DA Datasheet HTML 26Page - Cypress Semiconductor MB91F465DA Datasheet HTML 27Page - Cypress Semiconductor MB91F465DA Datasheet HTML 28Page - Cypress Semiconductor MB91F465DA Datasheet HTML 29Page - Cypress Semiconductor MB91F465DA Datasheet HTML 30Page - Cypress Semiconductor MB91F465DA Datasheet HTML 31Page - Cypress Semiconductor MB91F465DA Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 28 of 137
MB91460D Series
8.4 Registers
8.4.1 General-purpose register
Registers R0 to R15 are general-purpose registers. These registers can be used as accumulators for computation operations and as
pointers for memory access.
Of the 16 registers, enhanced commands are provided for the following registers to enable their use for particular applications.
R13 : Virtual accumulator
R14 : Frame pointer
R15 : Stack pointer
Initial values at reset are undefined for R0 to R14. The value for R15 is 00000000H (SSP value).
8.4.2 PS (Program Status)
This register holds the program status, and is divided into three parts, ILM, SCR, and CCR.
All undefined bits (-) in the diagram are reserved bits. The read values are always “0”. Write access to these bits is invalid.
FP
SP
AC
. . .
. . .
. . .
. . .
XXXX XXXXH
0000 0000H
XXXX XXXXH
. . .
. . .
. . .
R0
R1
R12
R13
R14
R15
. . .
. . .
32 bits
Initial value
Bit position →
bit 20
bit 0
bit 7
bit 8
bit 10
bit 16
ILM
SCR
CCR
bit 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com