Electronic Components Datasheet Search
  English  ▼

X  

MB91F465DA Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB91F465DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465DA Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB91F465DA Datasheet HTML 10Page - Cypress Semiconductor MB91F465DA Datasheet HTML 11Page - Cypress Semiconductor MB91F465DA Datasheet HTML 12Page - Cypress Semiconductor MB91F465DA Datasheet HTML 13Page - Cypress Semiconductor MB91F465DA Datasheet HTML 14Page - Cypress Semiconductor MB91F465DA Datasheet HTML 15Page - Cypress Semiconductor MB91F465DA Datasheet HTML 16Page - Cypress Semiconductor MB91F465DA Datasheet HTML 17Page - Cypress Semiconductor MB91F465DA Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 14 of 137
MB91460D Series
(Continued)
* : For information about the I/O circuit type, refer to “4. I/O Circuit Types”.
Pin no.
Pin name
I/O
I/O circuit
type*
Function
178
P25_0
I/O
E
General-purpose input/output port
SMC1P4
Controller output pin of Stepper motor
179
P25_1
I/O
E
General-purpose input/output port
SMC1M4
Controller output pin of Stepper motor
180
P25_2
I/O
E
General-purpose input/output port
SMC2P4
Controller output pin of Stepper motor
181
P25_3
I/O
E
General-purpose input/output port
SMC2M4
Controller output pin of Stepper motor
184
P25_4
I/O
E
General-purpose input/output port
SMC1P5
Controller output pin of Stepper motor
185
P25_5
I/O
E
General-purpose input/output port
SMC1M5
Controller output pin of Stepper motor
186
P25_6
I/O
E
General-purpose input/output port
SMC2P5
Controller output pin of Stepper motor
187
P25_7
I/O
E
General-purpose input/output port
SMC2M5
Controller output pin of Stepper motor
189
P13_0
I/O
A
General-purpose input/output port
DREQ0
DMA external transfer request input
190
P13_1
I/O
A
General-purpose input/output port
DACKX0
DMA external transfer acknowledge output pin
191
P13_2
I/O
A
General-purpose input/output port
DEOTX0
DMA external transfer EOT (End of Track) output pin
DEOP0
DMA external transfer EOP (End of Process) output pin
192 to 199
P03_0 to P03_7
I/O
A
General-purpose input/output ports
D0 to D7
Signal pins of external data bus (bit0 to bit7)
200 to 207
P02_0 to P02_7
I/O
A
General-purpose input/output ports
D8 to D15
Signal pins of external data bus (bit8 to bit15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com