Electronic Components Datasheet Search
  English  ▼

X  

MB91F465DA Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB91F465DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465DA Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB91F465DA Datasheet HTML 19Page - Cypress Semiconductor MB91F465DA Datasheet HTML 20Page - Cypress Semiconductor MB91F465DA Datasheet HTML 21Page - Cypress Semiconductor MB91F465DA Datasheet HTML 22Page - Cypress Semiconductor MB91F465DA Datasheet HTML 23Page - Cypress Semiconductor MB91F465DA Datasheet HTML 24Page - Cypress Semiconductor MB91F465DA Datasheet HTML 25Page - Cypress Semiconductor MB91F465DA Datasheet HTML 26Page - Cypress Semiconductor MB91F465DA Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 23 of 137
MB91460D Series
5.6 Mode pins (MD_x)
These pins should be connected directly to the power supply or ground pins. To prevent the device from entering test mode accidentally
due to noise, minimize the lengths of the patterns between each mode pin and power supply pin or ground pin on the printed circuit
board as possible and connect them with low impedance.
5.7 Notes on operating in PLL clock mode
If the oscillator is disconnected or the clock input stops when the PLL clock is selected, the microcontroller may continue to operate
at the free-running frequency of the self-oscillating circuit of the PLL. However, this self-running operation cannot be guaranteed.
5.8 Pull-up control
The AC standard is not guaranteed in case a pull-up resistor is connected to the pin serving as an external bus pin.
5.9 Notes on PS register
As the PS register is processed in advance by some instructions, when the debugger is being used, the exception handling may result
in execution breaking in an interrupt handling routine or the displayed values of the flags in the PS register being updated.
As the microcontroller is designed to carry out reprocessing correctly upon returning from such an EIT event,
the operation before and after the EIT always proceeds according to specification.
The following behavior may occur if any of the following occurs in the instruction immediately after a
DIV0U/DIV0S instruction:
(a) a user interrupt or NMI is accepted;
(b) single-step execution is performed;
(c) execution breaks due to a data event or from the emulator menu.
1. D0 and D1 flags are updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the DIV0U/DIV0S instruction is executed and the D0 and D1 flags are updated to the same values
as those in 1.
The following behavior occurs when an ORCCR, STILM, MOV Ri,PS instruction is executed to enable a user
interrupt or NMI source while that interrupt is in the active state.
1. The PS register is updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the above instructions are executed and the PS register is updated to the same value as in 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com