Electronic Components Datasheet Search
  English  ▼

X  

MB91F465DA Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # MB91F465DA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465DA Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button MB91F465DA Datasheet HTML 91Page - Cypress Semiconductor MB91F465DA Datasheet HTML 92Page - Cypress Semiconductor MB91F465DA Datasheet HTML 93Page - Cypress Semiconductor MB91F465DA Datasheet HTML 94Page - Cypress Semiconductor MB91F465DA Datasheet HTML 95Page - Cypress Semiconductor MB91F465DA Datasheet HTML 96Page - Cypress Semiconductor MB91F465DA Datasheet HTML 97Page - Cypress Semiconductor MB91F465DA Datasheet HTML 98Page - Cypress Semiconductor MB91F465DA Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 95 of 137
MB91460D Series
15.5 Alarm comparator characteristics
Note: *1 : The fast Alarm Comparator mode is enabled by setting ACSR.MD=1
Setting ACSR.MD = 0 sets the normal mode.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
IA5ALMF
AVCC5
—25
40
μA
Alarm
comparator
enabled in fast
mode
(per channel) *1
IA5ALMS
—7
10
μA
Alarm
comparator
enabled in
normal mode
(per channel) *1
IA5ALMH
——
5
μA
Alarm
comparator
disabled
ALARM pin input
current
IALIN
ALARM_n
 1—
 1
μATA=25°C
 3—
 3
μATA=105°C
ALARM pin input
voltage range
VALIN
0—
AVCC5V
Alarm upper limit
voltage
VIAH
AVCC5 × 0.78
 3
AVCC5 × 0.78
AVCC5 × 0.78
 3
V
Alarm lower limit
voltage
VIAL
AVCC5 × 0.36
 5
AVCC5 × 0.36
AVCC5 × 0.36
 5
V
Alarm hysteresis
voltage
VIAHYS
50
—
250
mV
Alarm input
resistance
RIN
5—
—
MΩ
Comparison time
tCOMPF
—0.1
0.2
μs
Alarm
comparator
enabled in fast
mode *1
tCOMPS
—1
2
μs
Alarm
comparator
enabled in
normal mode *1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com