Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2R Datasheet(PDF) 27 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 23Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 24Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 25Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 26Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 27Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 28Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 29Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 30Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
27
January 26, 2016
2
System Blocks Description
2.1.
Power Supply
As illustrated in Figure 2.1, the internal supply voltages of the system are generated by four linear regulators and
one buffer:
•
REG5V0 Primary analog supply voltage: 5.0V typical. REG5V0 is not switched-off in SLEEP Mode.
•
REG2V5 Secondary analog supply voltage: 2.5V typical. REG2V5 is switched-off in SLEEP Mode.
•
REG3V3 MCU periphery (GPIO, FLASH) digital supply voltage: 3.3V typical. REG3V3 is switched off in
SLEEP Mode.
•
REG1V8 SBC digital supply voltage: 1.8V typical. This voltage is used as a reference for the MCU core
supply. REG1V8 is not switched off in SLEEP Mode.
•
BUF1V8
Power supply for the MCU core referenced to the SBC digital supply voltage. BUF1V8 is switched
off in SLEEP Mode.
Figure 2.1 ZAMC4100 Supply Structure
REG3V3
REG2V5
REG1V8
REG5V0
VDDE
VSS
VSSA
VSSD
VSSD
CAP_5V0
CAP_3V3
CAP_1V8
BUF1V8
CAP_MCU
VSSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com