Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2R Datasheet(PDF) 79 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 75Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 76Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 77Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 78Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 79Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 80Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 81Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 82Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
79
January 26, 2016
3.12.2.
ADC External Inputs Configuration
The external analog inputs AIN1-AIN4 of the ADC can be configured for measurement in ratiometric or absolute
mode or for temperature measurement using internal current sources. All AINx inputs are configured via settings
in the AINCONF register (see Table 3.32 and Table 3.33).
Figure 3.21 Ratiometric versus Absolute Measurement Inputs Configuration
S_P
AINx
S_N
ADC
SPSWEN
VREFP
VREFN
VSSA
VDD5V0
SNSWEN
Signal
Source
AINx
VSSA
Int.Ref
VREF
ADC
VREFP
VREFN
A) External Sensor Supply
C) Absolute Measurement
S_P
AINx
S_N
VSSA
VDD5V0
-VE
+VE
Ratiometric Inputs Configuration
B) Internal Sensor Supply
Ratiometric Measurement on AIN1-AIN4
By default, the analog input pins are configured for ratiometric measurements with the external supply source as
shown in the Figure 3.21-A. The ADC reference inputs are connected to the S_P or S_N pins, which “sense” the
sensor supply voltage and ensure accurate ratiometric conversion results.
The supply switches SPSWEN and SNSWEN are controlled by the AINCONF register. This register will
determine the usage of the external or internal supply source for the sensor and the ADC reference as shown in
Figure 3.21-A and Figure 3.21-B. In general, when the external sensor supply source is used, the measurement
can provide more accurate results because the voltage drop across the connections to the S_P and S_N pins is
negligible due to the very low current through them.
If the signed ADC result mode is used, the sign is determined as positive if the measured voltage is in the upper
half of the voltage difference between S_P and S_N pins and negative if in the lower half.
Absolute Measurement on AIN1-AIN4
Absolute measurement as shown in Figure 3.21-C can be achieved by setting the AINxMD bits in the AINCONF
register (where x = channel 1 to 4). During the absolute measurement, the ADC uses its internal reference and
the sensor absolute voltage is measured at the corresponding AINx pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com