Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2R Datasheet(PDF) 53 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 53 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 49Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 50Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 51Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 52Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 53Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 54Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 55Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 56Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 57Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
53
January 26, 2016
Table 3.9
IRQSTAT Register Bits Mapping
Name
IRQSTAT
1)
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Address
0x01
R = Read-only bit
1)
The ECMOCIF is physically implemented in register ECMDIAG (Table 3.30) and mapped to IRQSTAT.
Table 3.10 IRQSTAT Register Bits Description
Bit
Description
7
WDTIF: WDT interrupt flag.
1 = Watchdog timer time-out occurred during STANDBY Mode.
0 = Watchdog timer interrupt did not occur.
Note: In order to clear WDTIF, the MCU must clear the WDT by toggling the WDTCLR bit (see Table 3.4).
6
OVTIF: Over-temperature interrupt flag.
1 = Over-temperature event occurred.
0 = Over-temperature event did not occur.
Note: In order to clear OVTIF, the MCU should clear the OVTF flag in register RSTSTAT (Table 3.1).
5
SEIF: Supply error interrupt flag.
1 = The system supply voltage is out of range. There was an overvoltage or under-voltage event, and as a result,
one of the flags OVIF or UVIF is set.
0 = A supply error interrupt has not occurred. The supply voltage is in range.
Note: The SEIF cannot be directly cleared. In order to clear SEIF, the MCU should clear the CPVEIF, OVIF, and
UVIF flags in the RSTSTAT register.
4
ADCIF: ADC global interrupt flag.
1 = ADC interrupt occurred. The ADC conversion is ready or the comparator threshold has been reached.
0 = ADC interrupt did not occur.
Note: The ADCIF interrupt flag cannot be directly cleared. ADCIF is cleared by clearing the correlated ADCRDYIF or
ADCCMPIF flags in the ADCSTAT register (Table 3.39).
3
HBOCIF: Half-bridge driver over-current global interrupt flag.
1 = An over-current event was detected in one or more of the half-bridge drivers. To determine the specific over-
current source, the MCU should read the HBxOCIF bits in the HBDSTAT register (Table 3.15).
0 = A half-bridge driver over-current event was not detected.
Note: The HBOCIF interrupt flag cannot be directly cleared. In order to clear HBOCIF, the MCU should clear the
HBxOCIF flags in the HBDSTAT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com