Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2R Datasheet(PDF) 93 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 93 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 89Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 90Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 91Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 92Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 93Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 94Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 95Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 96Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 97Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
93
January 26, 2016
Table 3.43 AINDIAG Register Bits Mapping
Name
AINDIAG
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
0
0
0
0
0
0
0
Access
U
R
R
R
R
R
R/W
R/W
Address
0x16
R/W = Read/Write bit; R = Read-only bit;
U = Unimplemented, read as ‘0’
Table 3.44 AINDIAG Register Bits Description
Bit Description
6
SPOSF: Open/short status flag of positive sensor supply pin (S_P).
This flag is not registered; i.e. its value stays as long as the diagnostic event takes place.
Refer to Table 3.45 for SPOSF bit description.
5:2
AINxOSF: Open/short status flag of the ADC external inputs AINx (x = 1 to 4).
This flag is not registered; i.e. its value stays as long as the diagnostic event takes place.
Refer to Table 3.45 for the interpretation of the AINxOSF bits.
1
AINCSHEN:
1), 2) High-side current source enable bit for inputs AINx (x = 1 to 4) and S_P.
1 = The high-side current source is enabled.
0 = The high-side current source is disabled.
0
AINCSLEN:
1), 2) Low-side current source enable bit for inputs AINx (x = 1 to 4) and S_P.
1 = The low-side current source is enabled.
0 = The low-side current source is disabled.
1)
In order to keep current consumption as low as possible, the MCU software should disable the current sources before enabling the SLEEP or
STANDBY Modes.
2)
Make sure this bit is ‘0’ when ADC conversion is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com