Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100GA2R Datasheet(PDF) 52 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 48Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 49Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 50Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 51Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 52Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 53Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 54Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 55Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
52
January 26, 2016
Table 3.8
IRQCTRL Register Bits Description
Bit
Description
7
WDTIE: Watchdog timer interrupt enable bit during STANDBY Mode.
1 = WDT interrupt is enabled.
0 = WDT interrupt is disabled.
Note: This interrupt is generated only when the system is in STANDBY Mode.
6
OVTIE: Over-temperature interrupt enable bit.
1 = OVT interrupt is enabled.
0 = OVT interrupt is disabled. Important: If an over-temperature event occurs, the drivers will be shut down
automatically regardless of the interrupt enable bit status.
5
SEIE: Supply error (over-voltage or under-voltage) interrupt enable bit.
1 = Supply error interrupt is enabled.
0 = Supply error interrupt is disabled.
4
ADCTIE: Global ADC interrupt enable bit.
1 = ADC interrupt is enabled.
0 = ADC interrupt is disabled.
3
HBOCIE: Global half-bridge driver over-current interrupt enable bit.
1 = Half-bridge driver over-current interrupt is enabled.
0 = Half-bridge driver over-current interrupt is disabled.
2
HSOCIE: Global high-side driver over-current interrupt enable bit.
1 = High-side driver over-current interrupt is enabled.
0 = High-side driver over-current interrupt is disabled.
1
ECMOCIE: Electrochromatic mirror (ECM) driver over-current interrupt enable bit.
1 = ECM over-current interrupt is enabled.
0 = ECM over-current interrupt is disabled.
0
LINIE: Global LIN PHY interrupt enable bit.
1 = LIN PHY interrupt is enabled.
0 = LIN PHY interrupt is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com