Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 37Page - Analog Devices ADA4530-1 Datasheet HTML 38Page - Analog Devices ADA4530-1 Datasheet HTML 39Page - Analog Devices ADA4530-1 Datasheet HTML 40Page - Analog Devices ADA4530-1 Datasheet HTML 41Page - Analog Devices ADA4530-1 Datasheet HTML 42Page - Analog Devices ADA4530-1 Datasheet HTML 43Page - Analog Devices ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 40 of 50
Reconsider the example amplifier with 2 fA/√Hz of current
noise. The required RF value of 10 GΩ also limits the
measurement bandwidth to 159 Hz according to Table 9.
It is useful to construct a table that combines the resistor noise
and measurement bandwidth guidelines. Table 10 shows the
approximate bandwidth limitations for a variety of input
current noise measurements.
Table 10. Measurement Current Noise Density vs. Bandwidth
Current Noise Density
Bandwidth
128 aA/√Hz
1.59 Hz
1.28 fA/√Hz
159 Hz
12.8 fA/√Hz
15.9 kHz
128 fA/√Hz
1.59 MHz
Table 10 demonstrates the error of the often claimed 0.1 fA/√Hz
at 10 kHz presented in the specifications of low input bias
current amplifiers. Measuring this value requires a 1 TΩ resistor
with less than 15.9 aF (15.9 × 10−18 F) of stray capacitance,
which is impossible.
These kinds of claims are simply shot noise calculations based
on the specified input bias currents of a few tens of femtoamperes.
Calculate the shot noise of a semiconductor as follows:
Shot Noise = √(2qIB)
where:
q is the charge on an electron.
IB is the current flowing through a junction.
Shot noise calculations are appropriate only for some legacy
JFET-based electrometer amplifiers, where only a single
junction is connected to the amplifier input pins. Modern high
impedance amplifiers have several semiconductor junctions
connected to the amplifier input pins. The most significant of
these junctions are the ESD diode structures. The input bias
currents are equal to the sum of these diode currents. The diode
currents are designed to cancel each other, but the shot noise
currents are uncorrelated and cannot cancel, which, in turn,
makes calculating the shot noise from the input bias current
impossible.
Even when appropriate, these shot noise calculations neglect all
capacitive coupling effects so that they are valid only at very low
frequencies. The gate to source capacitance of the input transis-
tors couples noise currents from sources other than the input
junctions for frequencies above a few tens of hertz. This blowback
noise effect is present in all amplifiers, and it ensures that the
current NSD always increases as frequency increases.
The complex relationship between current noise, feedback
resistance, and bandwidth means that the proper way to
characterize the current noise of an electrometer amplifier is by
measuring the output NSD with a variety of feedback resistors
that cover the entire span of values used in the end applications.
Each feedback resistor establishes a boundary for the minimum
measurable current noise over a range of frequencies.
It is critically important to use high quality resistors during this
measurement. Many high valued resistors designed for high
voltage operation are nonlinear at low voltage levels and are not
suitable for electrometer work. Inferior resistors may also have
their own 1/f noise that corrupts the measurement results. Table 11
lists the resistors used for the characterization of the ADA4530-1.
Table 11. Test Resistor Device Numbers
Resistor Value
Manufacturer
Device Number
100 MΩ
Vishay
RNX050100MDHLB
1 GΩ
Ohmite
RX-1M1007GE
10 GΩ
Ohmite
RX-1M1008JE
100 GΩ
Ohmite
RX-1M1009FE
1 TΩ
Ohmite
RX-1M100AKE
Figure 117 shows the output referred voltage NSD (VNRTO) of
the transimpedance test circuit for the test resistors listed in
Table 11. The calculated thermal noise for each resistor is
represented with the dashed line. The black dashed line
represents the 1/f voltage noise of the amplifier.
100
1
10
100
10
1
0.001
100k
10k
1k
100
10
1
0.1
0.01
FREQUENCY (Hz)
VSY = 10V
AV = +1
1/f
1TΩ
100GΩ
10GΩ
1GΩ
100MΩ
Figure 117. Transimpedance NSD Referred to Output
VNRTO is dominated by the resistor noise for all of the test
resistors up 1 TΩ. This means that the current noise contribu-
tion from the ADA4530-1 is insignificant relative to the thermal
noise of these resistors.
It is possible to calculate the current noise of the ADA4530-1
with the 1 TΩ resistor. This result is shown in Figure 118. It is
impossible to calculate the amplifier current noise for all of the
other resistors. The most that can be said is that the amplifier
current noise is much less than the resistor noise. The current
noise densities of each of the test resistors are plotted as dashed
lines in Figure 118. The current noise of the ADA4530-1 is
below the resistor noise values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com