Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 18Page - Analog Devices ADA4530-1 Datasheet HTML 19Page - Analog Devices ADA4530-1 Datasheet HTML 20Page - Analog Devices ADA4530-1 Datasheet HTML 21Page - Analog Devices ADA4530-1 Datasheet HTML 22Page - Analog Devices ADA4530-1 Datasheet HTML 23Page - Analog Devices ADA4530-1 Datasheet HTML 24Page - Analog Devices ADA4530-1 Datasheet HTML 25Page - Analog Devices ADA4530-1 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 21 of 50
80
–80
–40
20
60
0
–60
–20
40
TIME (2µs/DIV)
VSY = 4.5V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
Figure 61. Small Signal Transient Response, VSY = 4.5 V
80
–80
–40
20
60
0
–60
–20
40
TIME (2µs/DIV)
VSY = 10V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
Figure 62. Small Signal Transient Response, VSY = 10 V
80
–80
–40
20
60
0
–60
–20
40
TIME (2µs/DIV)
VSY = 16V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
Figure 63. Small Signal Transient Response, VSY = 16 V
1.0
–2.5
–2.0
–1.5
–0.5
0.5
–1.0
0
VSY = 4.5V
VIN = 2.75V p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
TIME (2µs/DIV)
Figure 64. Large Signal Transient Response, VSY = 4.5 V
6
–6
–4
0
4
–2
2
VSY = 10V
VIN = 8.25V p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
TIME (5µs/DIV)
Figure 65. Large Signal Transient Response, VSY = 10 V
10
8
6
4
2
0
–2
–4
–6
–8
–10
VSY = 16V
VIN = 14.25V p-p
AV = +1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
TIME (20µs/DIV)
Figure 66. Large Signal Transient Response, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com