Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 24Page - Analog Devices ADA4530-1 Datasheet HTML 25Page - Analog Devices ADA4530-1 Datasheet HTML 26Page - Analog Devices ADA4530-1 Datasheet HTML 27Page - Analog Devices ADA4530-1 Datasheet HTML 28Page - Analog Devices ADA4530-1 Datasheet HTML 29Page - Analog Devices ADA4530-1 Datasheet HTML 30Page - Analog Devices ADA4530-1 Datasheet HTML 31Page - Analog Devices ADA4530-1 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 27 of 50
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 4.5V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = 0.26µV/°C
σ = 1.14µV/°C
Figure 93. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 4.5 V
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 10V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = 0.26µV/°C
σ = 1.14µV/°C
Figure 94. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 10 V
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 16V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = 0.27µV/°C
σ = 1.14µV/°C
Figure 95. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 16 V
160
0
40
100
140
80
20
60
120
–1.0
–0.6
–0.2
0.2
0.6
–0.8
–0.4
0
0.4
0.8
1.0
TCVOS (µV/°C)
VSY = 4.5V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = 0.014µV/°C
σ = 0.168µV/°C
Figure 96. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 4.5 V
160
0
40
100
140
80
20
60
120
–1.0
–0.6
–0.2
0.2
0.6
–0.8
–0.4
0
0.4
0.8
1.0
TCVOS (µV/°C)
VSY = 10V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = 0.017µV/°C
σ = 0.168µV/°C
Figure 97. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 10 V
160
0
40
100
140
80
20
60
120
–1.0
–0.6
–0.2
0.2
0.6
–0.8
–0.4
0
0.4
0.8
1.0
TCVOS (µV/°C)
VSY = 16V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = 0.02µV/°C
σ = 0.168µV/°C
Figure 98. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com