Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 19Page - Analog Devices ADA4530-1 Datasheet HTML 20Page - Analog Devices ADA4530-1 Datasheet HTML 21Page - Analog Devices ADA4530-1 Datasheet HTML 22Page - Analog Devices ADA4530-1 Datasheet HTML 23Page - Analog Devices ADA4530-1 Datasheet HTML 24Page - Analog Devices ADA4530-1 Datasheet HTML 25Page - Analog Devices ADA4530-1 Datasheet HTML 26Page - Analog Devices ADA4530-1 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 22 of 50
VOUT
–1.4
0.2
0
–1.0
–0.4
–0.6
–1.2
–0.8
–0.2
TIME (2µs/DIV)
7
6
5
3
4
1
2
0
–1
VSY = 4.5V
VIN = 450mV
AV = –10
RL = 10kΩ
CL = 10pF
VIN
Figure 67. Positive Overload Recovery, VSY = 4.5 V
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
–3.2
VSY = 10V
VIN = 900mV
AV = –10
RL = 10kΩ
CL = 10pF
16
14
15
12
13
8
9
10
11
3
2
4
5
6
7
1
0
–1
VIN
VOUT
TIME (2µs/DIV)
Figure 68. Positive Overload Recovery, VSY = 10 V
1
–8
–6
–3
–1
0
–4
–7
–5
–2
TIME (2µs/DIV)
24
21
18
15
9
0
3
6
12
–3
VSY = 16V
VIN = 1.5V
AV = –10
RL = 10kΩ
CL = 10pF
VIN
VOUT
Figure 69. Positive Overload Recovery, VSY = 16 V
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
TIME (2µs/DIV)
VSY = 4.5V
VIN = 400mV
AV = –10
RL = 10kΩ
CL = 10pF
VIN
VOUT
2.5
2.0
1.5
1.0
–0.5
–2.0
–1.5
–1.0
0
0.5
–2.5
Figure 70. Negative Overload Recovery, VSY = 4.5 V
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
TIME (2µs/DIV)
VSY = 10V
VIN = 900mV
AV = –10
RL = 10kΩ
CL = 10pF
VIN
VOUT
7
5
3
1
–1
–5
–3
–7
Figure 71. Negative Overload Recovery, VSY = 10 V
2
1
0
–1
–2
–3
–4
TIME (2µs/DIV)
VSY = 16V
VIN = 1.5V
AV = –10
RL = 10kΩ
CL = 10pF
VIN
VOUT
12
8
4
0
–4
–8
–12
Figure 72. Negative Overload Recovery, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com