Electronic Components Datasheet Search
  English  ▼

X  

ADA4530-1 Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 40Page - Analog Devices ADA4530-1 Datasheet HTML 41Page - Analog Devices ADA4530-1 Datasheet HTML 42Page - Analog Devices ADA4530-1 Datasheet HTML 43Page - Analog Devices ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices ADA4530-1 Datasheet HTML 46Page - Analog Devices ADA4530-1 Datasheet HTML 47Page - Analog Devices ADA4530-1 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 43 of 50
A
GUARD
GUARD
GUARD
FR-4
ROGERS
4350B
SOLDER MASK
SOLDER MASK
Figure 123. Layout Cross Section with Guard Plane
VIA FENCE
A via fence is an additional structure that guards the lateral
leakage paths in the laminate between the guard ring and the
guard plane (see Figure 123). The fence is implemented by
surrounding the entire guard ring with vias that connect the
guard ring to the guard plane (see Figure 121 and Figure 122).
CABLES AND CONNECTORS
Guarding techniques are required for all of high impedance
wiring; not just on the PCB. Frequently, the high impedance
sensor is not directly mounted on the PCB with the electrome-
ter amplifier and external cables are used to make the connection.
The typical way to guard a cable connecting to a current output
sensor is by using a coaxial cable. A coaxial cable consists of an
inner conductor surrounded with insulation, which is, in turn,
surrounded by a braided conductor. Use the inner conductor
for the high impedance (A) terminal and the outer braided
shield conductor for the low impedance (B) terminal. Conven-
iently, this arrangement effectively guards the coaxial insulation
resistance because the A terminal and B terminal are nominally
at the same voltage (when attached to a TIA interface circuit).
Voltage output sensors are more problematic because the A
terminal and B terminal are not at the same voltage. The typical
way to guard the voltage output sensor cable is to use triaxial
cable. Triaxial cable is constructed with an inner conductor with
two separate braided conductors. Each of these braided
conductors is separated from each other with insulation. Use
the inner conductor for the high impedance (A) terminal and
the inner braided conductor for the guard (VGRD) connection,
and use the outer braided conductor for the low impedance (B)
terminal. All the insulation around the inner conductor is
completely surrounded by the guard conductor, which keeps the
voltage drop across this insulation equal to zero.
ELECTROSTATIC INTERFERANCE
Very high impedance electrometer circuits are susceptible to
interference through capacitive coupling. The amount of capaci-
tance required to couple low frequency signals is surprisingly
small. For example, line frequency (60 Hz) interference is
coupled (with a −3 dB loss) to a 1 TΩ impedance with only 3 fF
of coupling capacitance.
Traditional electrical interferers are not the only sources of concern.
Calculate the displacement current, I, in a capacitor as follows:
t
C
V
t
V
C
I
(2)
The second term in this equation is frequently ignored in most
circuits, but it can generate some unusual problems in electrome-
ter circuits. The problem is that the movement of any charged
object changes the coupling capacitance between the object and
the electrometer, and this change in capacitance injects small
currents into the circuit. The ADA4530-1 is so sensitive that it
easily detects the movement of a hand or the movement of a
piece of paper. These types of effects are not periodic or
predictable, and they can appear as erratic dc shifts on the time
scales of interest.
Both of these types of interference can be reduced by the
addition of a shield. A shield is a piece of conductive material
placed between the high impedance input and the interference
source. This shield must be electrically connected to a low
impedance source (such as signal ground). If the shield physi-
cally interrupts all of the capacitive coupling paths, all of the
displacement current from the interference source is shunted to
the low impedance source.
Notice that the construction of a shield is almost the same as
the construction of a guard. Because of this similarity, many
guard structures also provide shielding as well. The primary
difference is that the dc voltage of the shield is not important,
whereas the guard must have a voltage equal to that of the high
impedance input. Shields that are driven by the guard buffer
have the added benefit of bootstrapping the capacitance between
the high impedance input and the shield. The disadvantage of
this approach is that the guard buffer output impedance is 1 kΩ,
which makes the shield less effective than a signal ground or a
chassis ground connection. The most effective systems typically
use the box within a box construction: the outer shield is driven
with ground and the inner shield is driven with guard.
There is another capacitive interference effect that typically
cannot be shielded. This displacement current is generated from
a change in capacitance with respect to time (the second term of
Equation 2). This change is due to the mechanical movement of
the circuit components. This movement, which can be caused
by mechanical impact or vibration, generates electrical interference.
This interference typically appears at unexpected frequencies
that are equal to the mechanical resonances of the components.
This effect must be considered when using traditional air wiring
techniques for large feedback resistors or relays. It is important
to ensure solid mechanical connections to Teflon standoffs for
this type of construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com