Electronic Components Datasheet Search
  English  ▼

X  

ADuM7223CCCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM7223CCCZ
Description  High-side or low-side relative to input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM7223CCCZ Datasheet HTML 4Page - Analog Devices ADuM7223CCCZ Datasheet HTML 5Page - Analog Devices ADuM7223CCCZ Datasheet HTML 6Page - Analog Devices ADuM7223CCCZ Datasheet HTML 7Page - Analog Devices ADuM7223CCCZ Datasheet HTML 8Page - Analog Devices ADuM7223CCCZ Datasheet HTML 9Page - Analog Devices ADuM7223CCCZ Datasheet HTML 10Page - Analog Devices ADuM7223CCCZ Datasheet HTML 11Page - Analog Devices ADuM7223CCCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
ADuM7223
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Rating
Storage Temperature
TST
−55°C to +150°C
Operating Junction
Temperature
TJ
−40°C to +150°C
Supply Voltages1
VDD1
−0.3 V to +6.0 V
VDD2
−0.3 V to +20 V
Input Voltage1, 2
VIA, VIB
−0.3 V to VDDI + 0.3 V
Output Voltage1, 2
VOA, VOB
−0.3 to VDDO + 0.3 V
Average Output
Current, per Pin3
IO
−35 mA to +35 mA
Common-Mode
Transients4
CMH, CML
−100 kV/µs to +100 kV/µs
1
All voltages are relative to their respective ground.
2
VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively.
3
See Figure 2 for information on maximum allowable current for various
temperatures.
4
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the Absolute Maximum Rating can cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Table 7. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar Waveform
565
V peak
50-year minimum lifetime
AC Voltage, Unipolar Waveform
Functional Insulation
1131
V peak
50-year minimum lifetime
DC Voltage
Functional Insulation
1131
V peak
50-year minimum lifetime
1
Refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.
Table 8. Truth Table (Positive Logic)1
DISABLE
VIA Input
VIB Input
VDD1 State
VDDA/VDDB State
VOA Output
VOB Output
Notes
L
L
L
Powered
Powered
L
L
Outputs return to the input state
within 1 µs of DISABLE = set to low.
L
L
H
Powered
Powered
L
H
Outputs return to the input state
within 1 µs of DISABLE = set to low.
L
H
L
Powered
Powered
H
L
Outputs return to the input state
within 1 µs of DISABLE = set to low.
L
H
H
Powered
Powered
H
H
Outputs return to the input state
within 1 µs of DISABLE = set to low.
H
X
X
Powered
Powered
L
L
Outputs take on default low state
within 3 µs of DISABLE = set to high.
L
L
L
Unpowered
Powered
L
L
Outputs return to the input state
within 1 µs of VDD1 power restoration.
X
X
X
Powered
Unpowered
Indeterminate
Indeterminate
Outputs return to the input state
within 50 µs of VDDA/VDDB power
restoration.
1
X = don’t care.
Rev. A | Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com